Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCT10 Datasheet(PDF) 62 Page - Microchip Technology

Part # DCT10
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DCT10 Datasheet(HTML) 62 Page - Microchip Technology

Back Button DCT10 Datasheet HTML 58Page - Microchip Technology DCT10 Datasheet HTML 59Page - Microchip Technology DCT10 Datasheet HTML 60Page - Microchip Technology DCT10 Datasheet HTML 61Page - Microchip Technology DCT10 Datasheet HTML 62Page - Microchip Technology DCT10 Datasheet HTML 63Page - Microchip Technology DCT10 Datasheet HTML 64Page - Microchip Technology DCT10 Datasheet HTML 65Page - Microchip Technology DCT10 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 62
 2016-2018 Microchip Technology Inc.
FIGURE 4-9:
PROGRAM SPACE VISIBILITY OPERATION TO ACCESS LOWER WORD
FIGURE 4-10:
PROGRAM SPACE VISIBILITY OPERATION TO ACCESS UPPER WORD
23
15
0
DSRPAG
Data Space
Program Space
0000h
8000h
FFFFh
202h
000000h
7FFFFEh
010000h
017FFEh
When DSRPAG<9:8> = 10 and EA<15> = 1:
EDS Window
The data in the page
designated by DSRPAG
is mapped into the
upper half of the data
memory space....
Data EA<14:0>
...while the lower
15 bits of the EA
specify an exact
address within the
EDS area. This corre-
sponds exactly to the
same lower 15 bits of
the actual program
space address.
23
15
0
DSRPAG
Data Space
Program Space
0000h
8000h
FFFFh
302h
000000h
7FFFFEh
010001h
017FFFh
When DSRPAG<9:8> = 11 and EA<15> = 1:
The data in the page
designated by DSRPAG
is mapped into the
upper half of the data
memory space....
Data EA<14:0>
...while the lower
15 bits of the EA
specify an exact
address within the
EDS area. This corre-
sponds exactly to the
same lower 15 bits of
the actual program
space address.
EDS Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com