Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPI3-MODBP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RPI3-MODBP
Description  Raspberry Pi 3 Model B
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RPI3-MODBP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RPI3-MODBP Datasheet HTML 1Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 2Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 3Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 4Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
Raspberry Pi 3 Model B+
raspberrypi.org
Broadcom BCM2837B0, Cortex-A53
64-bit SoC @ 1.4GHz
1GB LPDDR2 SDRAM
2.4GHz and 5GHz IEEE 802.11.b/g/n/ac wireless
LAN, Bluetooth 4.2, BLE
Gigabit Ethernet over USB 2.0 (maximum throughput
300Mbps)
4 × USB 2.0 ports
Extended 40-pin GPIO header
1 × full size HDMI
MIPI DSI display port
MIPI CSI camera port
4 pole stereo output and composite video port
H.264, MPEG-4 decode (1080p30); H.264 encode
(1080p30); OpenGL ES 1.1, 2.0 graphics
Micro SD format for loading operating system and
data storage
5V/2.5A DC via micro USB connector
5V DC via GPIO header
Power over Ethernet (PoE)–enabled (requires
separate PoE HAT)
Operating temperature, 0–50°C
For a full list of local and regional product approvals,
please visit www.raspberrypi.org/products/raspberry
-pi-3-model-b+
The Raspberry Pi 3 Model B+ will remain in production
until at least January 2023.
Processor:
Memory:
Connectivity:
Access:
Video & sound:
Multimedia:
SD card support:
Input power:
Environment:
Compliance:
Production lifetime:
Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com