Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFS256G32MNB Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HFS256G32MNB
Description  NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HFS256G32MNB Datasheet(HTML) 4 Page - Hynix Semiconductor

  HFS256G32MNB Datasheet HTML 1Page - Hynix Semiconductor HFS256G32MNB Datasheet HTML 2Page - Hynix Semiconductor HFS256G32MNB Datasheet HTML 3Page - Hynix Semiconductor HFS256G32MNB Datasheet HTML 4Page - Hynix Semiconductor HFS256G32MNB Datasheet HTML 5Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NAND Flash
E2NAND3.0
Product
Tech
Density
Block Size
Stack
Vcc/Org
Package
Availability
Remark
H2JTCG8T22MBR
2ynm class
64Gb
4MB
1
3.0V,3.3V/x8
VLGA
Now
H2JTDG8UD2MBR
2ynm class
128Gb
4MB
2
3.0V,3.3V/x8
VLGA
Now
H2JTEG8VD2MBR
2l
256Gb
4MB
4
30V33V/ 8
VLGA
N
H2JTEG8VD2MBR
2ynm class
256Gb
4MB
4
3.0V,3.3V/x8
VLGA
Now
H2JTFG8YD2MBR
2ynm class
512Gb
4MB
8
3.0V,3.3V/x8
VLGA
Now
H2JTCG8T21BMR
1xnm class
64Gb
4MB
1
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JTDG8UD1BMR
1xnm class
128Gb
4MB
2
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JTEG8VD1BMR
1xnm class
256Gb
4MB
4
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JTFG8YD1BMR
1xnm class
512Gb
4MB
8
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JTVG8ZD1BBR
1xnm class
768Gb
4MB
12
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JT1T8CD1B1R
1xnm class
1024Gb
4MB
16
3.0V,3.3V/x8
VLGA
1Q' 14
Non Shielded
H2JTCG8T21BMS
1xnm class
64Gb
4MB
1
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
H2JTDG8UD1BMS
1xnm class
128Gb
4MB
2
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
H2JTEG8VD1BMS
1xnm class
256Gb
4MB
4
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
H2JTFG8YD1BMS
1xnm class
512Gb
4MB
8
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
H2JTVG8ZD1BBS
1xnm class
768Gb
4MB
12
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
H2JT1T8CD1B1S
1xnm class
1024Gb
4MB
16
3.0V,3.3V/x8
VLGA
1Q' 14
EMI Shielded
Page 26



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com