Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G071B-DISCO Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32G071B-DISCO
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071B-DISCO Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32G071B-DISCO Datasheet HTML 8Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 9Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 10Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 11Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 12Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 13Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 14Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 15Page - STMicroelectronics STM32G071B-DISCO Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
• Ultra-low-power consumption measurements:
• Supply target board from 1.8 to 3.3V
• Dynamic current from 100 nA to 50 mA
• Static current from 1 nA to 200 mA
• Accuracy approximately 2%
• Intuitive user experience:
• Two operating modes (stand-alone or PC-controlled)
• Graphical PC application (multi-OS)
• Resale price (RRP) $70
• Official EEMBC Energy Monitor v2.0:
• Direct computation of ULPMark scores
STM32 power profiling
X-NUCLEO-LPM01A
12
www.st.com/stm32cubemonpwr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com