Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG484I Datasheet(PDF) 36 Page - Microchip Technology

Part # MPFS250T-1FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484I Datasheet(HTML) 36 Page - Microchip Technology

Back Button MPFS250T-1FCVG484I Datasheet HTML 32Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 33Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 34Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 35Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 36Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 37Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 38Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 39Page - Microchip Technology MPFS250T-1FCVG484I Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Table 37 • SD/SDIO Interface High-Speed Mode
Units
Max
Typ
Min
Symbol
Parameter
%
53
47
TDCSDHSCLK
SD device clock du-
ty cycle
ns
13.8
2.2
TSDHSCKO
Clock to output de-
lay, all outputs
UI
0.4
TSDHSDIVW
Input valid data
window
MHz
50
FSDHSCLK
High-speed mode
SD device clock fre-
quency
Table 38 • SD/SDIO Interface Standard Mode
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCSDHSCLK
SD device clock du-
ty cycle
ns
4.5
–2.0
TSDSCKO
Clock to output de-
lay, all outputs
ns
2.0
TSDSDCK
Input setup time,
all inputs
ns
2.0
TSDSCKD
Input hold time, all
inputs
KHz
400
FSDIDCLK
Clock frequency in
identification mode
MHz
19
FSDSCLK
Standard SD device
clock frequency
6.1.6
eMMC
The following tables describe the eMMC. The test conditions for eMMC standard mode use an 8 mA drive
strength, fast slew rate, and a 30 pF load (I/O voltage of 3 V/1.8 V/1.2 V). For eMMC high-speed mode, the
test conditions use a 12 mA drive strength, fast slew rate, and 30 pF load (I/O voltage of 3 V/1.8 V/1.2 V).
For other eMMC modes, the test conditions use a 12 mA drive strength, fast slew rate, and 15 pF load (I/O
voltage of 1.8 V/1.2 V)
Table 39 • eMMC Standard Interface
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCEMMCHSCLK
eMMC clock duty
cycle
ns
4.5
–2.0
TEMMCHSCKO
Clock to output de-
lay, all outputs
ns
2.0
TEMMCHSDCK
Input setup time,
all inputs
32
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com