Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG784E Datasheet(PDF) 49 Page - Microchip Technology

Part # MPFS250T-1FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG784E Datasheet(HTML) 49 Page - Microchip Technology

Back Button MPFS250T-1FCVG784E Datasheet HTML 45Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 46Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 47Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 48Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 49Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 50Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 51Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 52Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
5. This is an input voltage reference that bears no relation to the VREF/VMEAS parameters found in IBIS
models or shown in the figure Output Delay Measurement—Single-Ended Test Setup.
6. Emulated bidirectional interface.
6.2.2
Output Delay Measurement Methodology
The following section provides information about the methodology for output delay measurement.
Table 58 • Output Delay Measurement Methodology
VREF (V)
VMEAS (V)
CREF (pF)
RREF (Ω)
Description
Standard
1.65
10
25
PCIE 3.3 V
PCI
1.65
0
1M
LVTTL 3.3 V
LVTTL
1.65
0
1M
LVCMOS 3.3 V
LVCMOS33
1.25
0
1M
LVCMOS 2.5 V
LVCMOS25
0.90
0
1M
LVCMOS 1.8 V
LVCMOS18
0.75
0
1M
LVCMOS 1.5 V
LVCMOS15
0.60
0
1M
LVCMOS 1.2 V
LVCMOS12
1.25
VREF
0
50
Stub-series termi-
nated logic 2.5 V C-
lass I
SSTL25I
1.25
VREF
0
50
SSTL 2.5 V Class II
SSTL25II
0.9
VREF
0
50
SSTL 1.8 V Class I
SSTL18I
0.9
VREF
0
50
SSTL 1.8 V Class II
SSTL18II
0.75
VREF
0
50
SSTL 1.5 V Class I
SSTL15I
0.75
VREF
0
50
SSTL 1.5 V Class II
SSTL15II
0.675
VREF
0
50
SSTL 1.35 V Class I
SSTL135I
0.675
VREF
0
50
SSTL 1.35 V Class II
SSTL135II
0.75
VREF
0
50
High-speed
transceiver logic
(HSTL) 1.5 V Class I
HSTL15I
0.75
VREF
0
50
HSTL 1.5 V Class II
HSTL15II
0.675
VREF
0
50
HSTL 1.35 V Class I
HSTL135I
0.675
VREF
0
50
HSTL 1.35 V Class II
HSTL135II
0.6
VREF
0
50
HSTL 1.2 V Class I
HSTL12I
0.6
VREF
0
50
HSTL 1.2 V Class II
HSTL12II
45
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com