Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG784I Datasheet(PDF) 7 Page - Microchip Technology

Part # MPFS250T-1FCVG784I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG784I Datasheet(HTML) 7 Page - Microchip Technology

Back Button MPFS250T-1FCVG784I Datasheet HTML 3Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 4Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 5Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 6Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 7Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 8Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 9Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 10Page - Microchip Technology MPFS250T-1FCVG784I Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
3
Device Offering
The following table lists the PolarFire SoC device options using the MPFS250T as an example. The MPFS025T,
MPFS095T, MPFS160T, and MPFS460T device densities have identical offerings.
Table 1 • PolarFire SoC Device Options
Data
Security S
Lower
Static
Power L
Transceivers T
–1
STD
Industrial
–40 °C–100 °C
Extended
Commercial
0 °C–100 °C
Device Options
Yes
Yes
Yes
Yes
Yes
MPFS250T
Yes
Yes
Yes
Yes
Yes
MPFS250TL
Yes
Yes
Yes
Yes
Yes
MPFS250TS
Yes
Yes
Yes
Yes
Yes
MPFS250TLS
3
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
Device Offering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com