Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250TLS-1FCG484E Datasheet(PDF) 31 Page - Microchip Technology

Part # MPFS250TLS-1FCG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCG484E Datasheet(HTML) 31 Page - Microchip Technology

Back Button MPFS250TLS-1FCG484E Datasheet HTML 27Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 28Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 29Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 30Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 31Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 32Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 33Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 34Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Figure 4-4. I/O Topology
pad
pad
pad
pad
pad
pad
pad
pad
pad
pad
pad
pad
I/O
Lane
Control
I/O Gearing
IOP
ION
I/O Gearing
IOP
ION
I/O Gearing
IOP
ION
I/O Gearing
IOP
ION
I/O Gearing
IOP
ION
I/O Gearing
IOP
ION
The number of I/O pins varies depending on the device and package size. The persistent I/O feature preserves a
state on an I/O without user intervention during programming. The PolarFire SoC FPGA I/O buffers are constructed
from the following main sub modules.
• Transmit buffer (PVT compensated)
• Receive buffer
• Termination (Thevenin, Differential, Up, and Down)
• Weak pull mode logic (Up, Down, and Bus-Hold)
Each I/O is configurable and can comply with a large number of I/O standards. The following are two types of user
FPGA I/Os in PolarFire SoC FPGAs.
• High-speed I/O (HSIO) optimized for DDR4 memories at speeds up to 1.6 Gbps and a maximum voltage of 1.8
V nominal
• GPIO capable of supporting multiple standards including 3.3 V with an integrated CDR to support SGMII
Ethernet applications
The following table summarizes the single-ended I/O support. These are the unterminated standards used in the
transceiver lane protocols. Each I/O supports weak pull-up, pull-down, and bus-keeper options. Additionally, each
GPIO has a programmable clamp (that is, ON/OFF). For HSIO, the clamp is always ON.
The following table lists the GPIO LVTTL or LVCMOS receivers that are also designed to support a limited mixed
mode of operation to provide greater board I/O design flexibility. For example, if VDDIO is set to 3.3 V, the I/O
receivers can operate at the lower voltage of JEDEC standards.
Table 4-2. GPIO Mixed Receiver Mode Operation Capability
VDDIO (V)
LVCMOS33
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
3.3
Yes
Yes
Yes
Not available
Yes
2.5
Yes
Yes
Yes
Yes
Yes
1.8
Yes
Yes
Yes
Yes
Yes
1.5
Yes
Yes
Yes
Yes
Yes
1.2
Yes
Yes
Not available
Yes
Yes
The following table lists the HSIO mixed receiver mode capability.
Table 4-3. HSIO Mixed Receiver Mode Capability
VDDIO (V)
LVCMOS18
LVCMOS15
LVCMOS12
1.8
Yes
Yes
Yes
1.5
Yes
Yes
Yes
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com