Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2HWER282DLS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D2HWER282DLS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWER282DLS Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D2HWER282DLS Datasheet HTML 2Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 3Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 4Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 5Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 6Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 7Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 8Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 9Page - Omron Electronics LLC D2HWER282DLS Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
Mounting Structure and Reference Positions for Operating Characteristics (Unit: mm)
Note. The reference positions used for Free Position (FP), Operating Position (OP), and Total Travel Position (TTP) values are as shown above for each type of
mounting.
●Without posts
D2HW-A
@
●Long post
D2HW-B
@
Mounting Hole Dimensions (Reference)
●M3-screw Mounting Models
D2HW-C
@
Mounting Hole Dimensions (Reference)
●Short post
D2HW-E
@
FP OP
TTP
7
Standard Position
4
1.7 dia.
13.3
5.3
FP OP
TTP
3
6.5
8±0.1
1.7 dia.
Standard
Position
13.3
5.3
2.6±0.05
5 0
 -0.2
8±0.1
2.6
2.4+0.1
   0
2.4+0.1 dia. holes
0
(depth:
D2HW-E
@: 1.5 mm min.
D2HW-B
@: 5 mm min.)
FP OP
2.65
13±0.1
TTP
3.1+0.13
-0.03
6 6.5
Standard
Position
3.3±0.15 dia.
18.5
1.5 0
-0.1
1.5 0
-0.1
3 0 dia.
-0.1
5.3
13±0.1
M3 Tap
3+0.1 dia. holes
0
(depth: 1.5 mm min.)
FP OP
TTP
3
6.5
8±0.1
1.7 dia.
13.3
5.3
2.6±0.05
1.5
+0
-0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com