Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2HWA233DLS Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D2HWA233DLS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWA233DLS Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D2HWA233DLS Datasheet HTML 3Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 4Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 5Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 6Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 7Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 8Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 9Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 10Page - Omron Electronics LLC D2HWA233DLS Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
Terminals/Appearances (Unit: mm)
●PCB terminals (Straight)
<PCB Mounting Dimensions (Reference)>
●PCB Terminals (Left-angled)
<PCB Cutout Dimensions (Reference)>
●PCB terminals (Right-angled)
●Solder terminals
●Molded Lead Wires on Left-side
●Molded Lead Wires on Right-side
●Molded Lead Wires Downwards
5.08
5.08
3-0.6
2.5
0.5
5.08±0.1 5.08±0.1
3-1+0.1 dia. holes
0
5.08
5.08
3-0.6
6
0.5
(3.1)
5.08±0.1
5.08±0.1
2.6
2.4+0.1 dia. holes
0
(depth: 5 mm min.)
8±0.1
6±0.1
2.4+0.1
   0
3-1+0.1 dia. holes
0
5.08
5.08
3-0.6
6
0.5
(3.1)
1.8
4.38
1.2
3-2
3.5
0.5
4.38
(5)
300±10
(13.3)
(12)
COM AVSS 0.5 (Black)*
NC AVSS 0.5 (Red)
or
NO AVSS 0.5 (Blue)
UL approved wires (AWG24, UL1007) are
used for UL/CSA standard approved items.
*
300±10
(13.3)
(12)
(5)
COM AVSS 0.5 (Black)
NC AVSS 0.5 (Red)*
Or
NO AVSS 0.5 (Blue)
UL approved wires (AWG24, UL1007) are
used for UL/CSA standard approved items.
*
300±10
(12)
COM AVSS 0.5 (Black)
*
NO AVSS 0.5 (Blue)
NC AVSS 0.5 (Red)
(5)
UL approved wires (AWG24, UL1007) are
used for UL/CSA standard approved items.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com