Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSTH-01R-2 Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # FSTH-01R-2
Description  800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSTH-01R-2 Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  FSTH-01R-2 Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HITACHI
METALS
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
Model No. FSTH-01R-1
Equivalent Circuits
Typical Data
Specifications
Measurement Circuit
Shape & Size
Isolation
Return Loss
Matching Capacitor; 3pF
Out-1
In (Sum port)
Out-2
1dB Max.
(0.2dB Typ.)
12dB Min.
(20dB Typ.)
9.5dB Min.
(17.7dB Typ.)
1W Max.
unit (mm)
6:
4:
2:
Range(MHz)
Frequency Matching
Capacitor
Insertion
700-900
850-950
900-1100
3.0pF
2.5pF
2.0pF
Handling
Power
Temp.
Range
-35 ~ +85
deg.C
R
C
C:Matching Capacitor
R:Resistance for Isolation (100ohm)
0
1
2
(dB)
Frequency (MHz)
0
10
20
30
(dB)
Insertion Loss
0
10
20
(dB)
1100
900 1000
Frequency (MHz)
0
10
20
30
(dB)
Isolation
Output Return Loss
700 800
30
40
50
1100
900 1000
700 800
4
2
1.6
6
4
2
2
6
4
6
FSTH-01R-[ ]
Input Return Loss
LH-FSTH-01R-0407A
1.0
*1
*1 Not include Splitting Loss (3dB)
Loss
P/N
FSTH-01R-1
FSTH-01R-2
FSTH-01R-3


Similar Part No. - FSTH-01R-2

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
More results

Similar Description - FSTH-01R-2

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-090P HITACHI-METALS-FSLC-090P Datasheet
23Kb / 1P
900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
FSLH-S080C HITACHI-METALS-FSLH-S080C Datasheet
41Kb / 4P
2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner
FSLH-S100C HITACHI-METALS-FSLH-S100C Datasheet
53Kb / 4P
2012 Size 900/1100 MHz Chip Multilayer Splitter/Combiner
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-24R-1 HITACHI-METALS-FSTH-24R-1 Datasheet
23Kb / 1P
200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-38R HITACHI-METALS-FSTH-38R Datasheet
22Kb / 1P
300 / 400 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-90S-A HITACHI-METALS-FSTH-90S-A Datasheet
27Kb / 1P
800 / 900 MHz Band Chip Multilayer Coupler
logo
Mini-Circuits
ZAPD-900-5W MINI-ZAPD-900-5W Datasheet
158Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 100 to 900 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com