Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSTH-03R-2 Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # FSTH-03R-2
Description  1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSTH-03R-2 Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  FSTH-03R-2 Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HITACHI
METALS
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
Model No. FSTH-03R-2
Specifications
Isolation
Return Loss
1dB Max.
(0.2dB Typ.)
12dB Min.
(20dB Typ.)
9.5dB Min.
(17.7dB Typ.)
2W Max.
Range(MHz)
Frequency
Matching
Capacitor
Insertion
1500-1900
1pF
Handling
Power
Temperature
Range
-35 ~ +85
deg.C
Typical Data
Measurement Circuit
Matching Capacitor; 1pF
C:Matching Capacitor (1pF)
R:Resistance for Isolation (100ohm)
0
1
2
(dB)
Frequency (MHz)
0
10
20
30
(dB)
Insertion Loss
Input Return Loss
0
10
20
(dB)
Frequency (MHz)
0
10
20
30
(dB)
Isolation
Output Return Loss
30
40
50
2000
1500
1000
2000
1500
1000
Equivalent Circuits
Out-1
In (Sum port)
Out-2
unit (mm)
6:
4:
2:
1.6
6
4
2
Shape & Size
2
6
4
R
C
4
2
6
FSTH-03R-2
1.0
LH-FSTH-03R-2-0407A
*1
*1 Not include Splitting Loss (3dB)
Loss


Similar Part No. - FSTH-03R-2

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
More results

Similar Description - FSTH-03R-2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
PD4W09-59 SKYWORKS-PD4W09-59 Datasheet
48Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81-0.96 GHz
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
logo
Hitachi Metals, Ltd
FSLC-190SN HITACHI-METALS-FSLC-190SN Datasheet
27Kb / 1P
1.8 / 1.9 GHz Band Chip Multilayer Coupler
FSTH-01R-1 HITACHI-METALS-FSTH-01R-1 Datasheet
23Kb / 1P
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-24R-1 HITACHI-METALS-FSTH-24R-1 Datasheet
23Kb / 1P
200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-38R HITACHI-METALS-FSTH-38R Datasheet
22Kb / 1P
300 / 400 MHz Band Chip 0 deg. Splitter / Combiner
logo
Johanson Technology Inc...
1906BP18A027 JOHANSON-1906BP18A027 Datasheet
107Kb / 2P
1.9 GHz Band Pass Filter
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
logo
BOWEI Integrated Circui...
HES021-2B BOWEI-HES021-2B Datasheet
85Kb / 1P
2way 0 power combiner/splitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com