Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRT2010HT98L0-UP Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # CSRT2010HT98L0-UP
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT2010HT98L0-UP Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  CSRT2010HT98L0-UP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT2010HT98L0-UP Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev Date: 3/28/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 190
7/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. to protect the environment in all localities in which we operate. We continually strive to
improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
C
S
R
T
2
5
1
2
F
T
1
R
0
0
-
U
P
Resistance Value
Code
W
Code Tol
Code Description
Size
Quantity
Code Description
0201
0.2
D
0.5%
0201, 0402
10000
blank
Standard
0402
0.25
F
1%
-UP High Power
0603
0.4
G
2%
0805
0.5
J
5%
0.5
1
0.01 ohm = 10L0
1210
1
0.098 ohm = 98L0
2010
1.5
10 ohm = 10R0
2512
3
2512 (-UP)
3.5
0612
1
1020
2
1225
3
Product Series
Tolerance
Special
Size
Paper Tape 0603, 0805, 1206
1210, 0612
T
Embossed
Packaging
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier of
10
-3 for any value
under 0.1 ohm.
5000
4000
Thin Film
Current Sensing
CSRT
1206
2010, 2512
1020, 1225



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com