Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0B1RB Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32G0B1RB
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1RB Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32G0B1RB Datasheet HTML 72Page - STMicroelectronics STM32G0B1RB Datasheet HTML 73Page - STMicroelectronics STM32G0B1RB Datasheet HTML 74Page - STMicroelectronics STM32G0B1RB Datasheet HTML 75Page - STMicroelectronics STM32G0B1RB Datasheet HTML 76Page - STMicroelectronics STM32G0B1RB Datasheet HTML 77Page - STMicroelectronics STM32G0B1RB Datasheet HTML 78Page - STMicroelectronics STM32G0B1RB Datasheet HTML 79Page - STMicroelectronics STM32G0B1RB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
76/159
DS13560 Rev 2
∆IDD(SRAM)
Extra supply
current to
retain SRAM
content(3)
SRAM retention
enabled
1.8 V
-
---
-
-
µA
2.4 V
-
---
-
-
3.0 V
-
---
-
-
3.6 V
-
---
-
-
1. Based on characterization results, not tested in production.
2. Without SRAM retention and with ULPEN bit set
3. To be added to IDD(Standby) as appropriate
Table 33. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
Table 34. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
RTC
VDD
25 °C 85 °C 125 °C 25 °C 85 °C 130 °C
IDD(Shutdown)
Supply current
in Shutdown
mode
Disabled
1.8 V
23
840
7050
240
3210
39200
nA
2.4 V
38
965
8050
370
3910
44600
3.0 V
38
1100
9550
370
4700
51500
3.6 V
57
1350
11000
500
5700
59400
Enabled, clocked
by LSE bypass at
32.768 kHz
1.8 V
235
1050
7400
290
3850
47000
2.4 V
320
1250
8400
440
4690
53500
3.0 V
425
1500
9950
450
5640
61800
3.6 V
550
1850
11500
590
6840
71200
1. Based on characterization results, not tested in production.
Table 35. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Unit
RTC
VDD
25°C
85°C
125°C
IDD(VBAT)
Supply current in
VBAT mode
Enabled, clocked by
LSE bypass at
32.768 kHz
1.8 V
195
416
2015
nA
2.4 V
320
530
2366
3.0 V
492
635
2838
3.6 V
627
908
3339
Enabled, clocked by
LSE crystal at
32.768 kHz
1.8 V
130
325
1550
2.4 V
160
400
1800
3.0 V
210
500
2050
3.6 V
285
605
2400
Disabled
1.8 V
4
160
1450
2.4 V
4
190
1700
3.0 V
4
220
1950
3.6 V
7
270
2250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com