Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS0505EVD22 Datasheet(PDF) 2 Page - Littelfuse

Part # LS0505EVD22
Description  5 V, 5 A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0505EVD22 Datasheet(HTML) 2 Page - Littelfuse

  LS0505EVD22 Datasheet HTML 1Page - Littelfuse LS0505EVD22 Datasheet HTML 2Page - Littelfuse LS0505EVD22 Datasheet HTML 3Page - Littelfuse LS0505EVD22 Datasheet HTML 4Page - Littelfuse LS0505EVD22 Datasheet HTML 5Page - Littelfuse LS0505EVD22 Datasheet HTML 6Page - Littelfuse LS0505EVD22 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/20/22
LS0505EVD22
5 V, 5 A eFuse with Over Voltage and Over Current Protection
Protection IC Datasheet
Absolute Maximum Rating (Reference to GND)
Notes:
1. Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
2. ESD HBM testing per JESD22-A114F
Symbol
Value
Units
IN, OUT, EN
-0.3 to +30
V
ILIM
-0.3 to +6.5
V
ESD, Human Body Model (HBM)
±2000
V
Junction Temperature Range
-40 to +150
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering 10s)
260
°C
Recommend Operating Conditions
Symbol
Value
Units
Input Voltage (IN)
+2.7 to +28
V
Junction Temperature Range
+125
°C
Notes: The device is not guaranteed to function outside of the recommended operating conditions.
Notes:
1. Measured on JESD51-7, 4-Layer PCB.
2. The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX= (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
IN
Input Voltage Range
2.7
28
V
I
BIAS
Quiescent Current
200
260
µA
I
SD
Shutdown Current
V
EN=0V
5
10
µA
V
UV
Input Under-voltage Threshold
2.48
V
V
UVHYS
Input Under-voltage Hysteresis
180
mV
V
OV
Input Over-voltage Threshold
6.2
V
V
OV
Over Voltage Protection response time
250
nS
V
OV
Input Over-voltage Hysteresis
330
mV
T
SS
Soft-start Slew Rate Time
230
µs
I
LIMT
Current Limit
R
LIM=500 kΩ
1.35
1.5
1.65
A
I
LIM pin float
5
K
LIM
Current Limit Setting Factor
I
INLIM=1 A~5 A
675
750
825
A*kΩ
R
Disch
OUT Discharging Resistance
V
IN=6.5 V
80
Ω
V
IH_EN
EN Logic High Input Voltage
1.2
V
V
IL_EN
EN Logic Low Input Voltage
0.4
V
T
SD
Thermal Shutdown Temperature
160
°C
T
HYS
Thermal Shutdown Hysteresis
40
°C
Electrical Characteristics (T
A = +25 °C, VIN=5 V, CIN=1 μF, unless otherwise specified)
Symbol
Value
Units
Maximum Power Dissipation (T
A=25°C )
1.52
W
Thermal Resistance (
θ
JA)
82
°C/W
Thermal Resistance (
θ
JC)
52
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com