Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS8GCF100I Datasheet(PDF) 53 Page - Transcend Information. Inc.

Part # TS8GCF100I
Description  Transcend Industrial CF Card (TS123M~16GCF100I)
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF100I Datasheet(HTML) 53 Page - Transcend Information. Inc.

Back Button TS8GCF100I Datasheet HTML 49Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 50Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 51Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 52Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 53Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 54Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 55Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 56Page - Transcend Information. Inc. TS8GCF100I Datasheet HTML 57Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
T
T
Trrra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttrrriiia
a
alll C
C
CF
F
F C
C
Ca
a
arrrd
d
d
(((T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GC
C
CF
F
F1
1
10
0
00
0
0III)))
Transcend Information Inc.
V1.2
53
Card (Drive) Address Register (Address 3F7h[377h]; Offset Fh)
This register is provided for compatibility with the AT disk drive interface. It is recommended that this register
not be mapped into the host’s I/O space because of potential conflicts on Bit 7.
Bit 7: this bit is unknown.
Implementation Note:
Conflicts may occur on the host data bus when this bit is provided by a Floppy Disk Controller
operating at the same addresses as the CompactFlash Storage Card. Following are some possible
solutions to this problem for the PCMCIA implementation:
1) Locate the CompactFlash Storage Card at a non-conflicting address, i.e. Secondary address
(377) or in an independently decoded Address Space when a Floppy Disk Controller is located at
the Primary addresses.
2) Do not install a Floppy and a CompactFlash Storage Card in the system at the same time.
3) Implement a socket adapter that can be programmed to (conditionally) tri-state D7 of I/0 address
3F7h/377h when a CompactFlash Storage Card is installed and conversely to tristate D6-D0 of
I/O address 3F7h/377h when a floppy controller is installed.
4) Do not use the CompactFlash Storage Card’s Drive Address register. This may be accomplished
by either a) If possible, program the host adapter to enable only I/O addresses 1F0h-1F7h, 3F6h
(or 170h-177h, 176h) to the CompactFlash Storage Card or b) if provided use an additional
Primary / Secondary configuration in the CompactFlash Storage Card which does not respond to
accesses to I/O locations 3F7h and 377h. With either of these implementations, the host software
shall not attempt to use information in the Drive Address Register.
Bit 6 (-WTG): this bit is 0 when a write operation is in progress; otherwise, it is 1.
Bit 5 (-HS3): this bit is the negation of bit 3 in the Drive/Head register.
Bit 4 (-HS2): this bit is the negation of bit 2 in the Drive/Head register.
Bit 3 (-HS1): this bit is the negation of bit 1 in the Drive/Head register.
Bit 2 (-HS0): this bit is the negation of bit 0 in the Drive/Head register.
Bit 1 (-nDS1): this bit is 0 when drive 1 is active and selected.
Bit 0 (-nDS0): this bit is 0 when the drive 0 is active and selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com