Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C01C Datasheet(PDF) 14 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 14 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 10Page - Microchip Technology AT24C01C Datasheet HTML 11Page - Microchip Technology AT24C01C Datasheet HTML 12Page - Microchip Technology AT24C01C Datasheet HTML 13Page - Microchip Technology AT24C01C Datasheet HTML 14Page - Microchip Technology AT24C01C Datasheet HTML 15Page - Microchip Technology AT24C01C Datasheet HTML 16Page - Microchip Technology AT24C01C Datasheet HTML 17Page - Microchip Technology AT24C01C Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
The master can use the Stop condition to end a data transfer sequence with the AT24C01C/AT24C02C,
which will subsequently return to Standby mode. The master can also utilize a repeated Start condition
instead of a Stop condition to end the current data transfer if the master will perform another operation.
Refer to Figure 5-1 for more details.
5.3
Acknowledge and No-Acknowledge
After every byte of data is received, the receiving device must confirm to the transmitting device that it
has successfully received the data byte by responding with what is known as an Acknowledge (ACK).
An ACK is accomplished by the transmitting device first releasing the SDA line at the falling edge of the
eighth clock cycle followed by the receiving device responding with a logic ‘0’ during the entire high period
of the ninth clock cycle.
When the AT24C01C/AT24C02C is transmitting data to the master, the master can indicate that it is done
receiving data and wants to end the operation by sending a logic ‘1’ response to the AT24C01C/
AT24C02C instead of an ACK response during the ninth clock cycle. This is known as a No-Acknowledge
(NACK) and is accomplished by the master sending a logic ‘1’ during the ninth clock cycle, at which point
the AT24C01C/AT24C02C will release the SDA line so the master can then generate a Stop condition.
The transmitting device, which can be the bus master or the Serial EEPROM, must release the SDA line
at the falling edge of the eighth clock cycle to allow the receiving device to drive the SDA line to a logic ‘0’
to ACK the previous 8-bit word. The receiving device must release the SDA line at the end of the ninth
clock cycle to allow the transmitter to continue sending new data. A timing diagram has been provided in
Figure 5-1 to better illustrate these requirements.
Figure 5-1. Start Condition, Data Transitions, Stop Condition and Acknowledge
SCL
SDA
SDA
Must Be
Stable
SDA
Change
Allowed
SDA
Change
Allowed
Acknowledge
Valid
Stop
Condition
Start
Condition
1
2
8
9
SDA
Must Be
Stable
Acknowledge Window
The transmitting device (Master or Slave)
must release the SDA line at this point to allow
the receiving device (Master or Slave) to drive the
SDA line low to ACK the previous 8-bit word.
The receiver (Master or Slave)
must release the SDA line at
this point to allow the transmitter
to continue sending new data.
5.4
Standby Mode
The AT24C01C/AT24C02C features a low-power Standby mode that is enabled when any one of the
following occurs:
A valid power-up sequence is performed (see Power-Up Requirements and Reset Behavior).
A Stop condition is received by the device unless it initiates an internal write cycle (see Write
Operations).
At the completion of an internal write cycle (see Write Operations).
AT24C01C/AT24C02C
Device Operation and Communication
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com