Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS20006111A Datasheet(PDF) 13 Page - Microchip Technology

Part # DS20006111A
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006111A Datasheet(HTML) 13 Page - Microchip Technology

Back Button DS20006111A Datasheet HTML 9Page - Microchip Technology DS20006111A Datasheet HTML 10Page - Microchip Technology DS20006111A Datasheet HTML 11Page - Microchip Technology DS20006111A Datasheet HTML 12Page - Microchip Technology DS20006111A Datasheet HTML 13Page - Microchip Technology DS20006111A Datasheet HTML 14Page - Microchip Technology DS20006111A Datasheet HTML 15Page - Microchip Technology DS20006111A Datasheet HTML 16Page - Microchip Technology DS20006111A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
5.
Device Operation and Communication
The AT24C01C/AT24C02C operates as a slave device and utilizes a simple I2C-compatible two-wire
digital serial interface to communicate with a host controller, commonly referred to as the bus master. The
master initiates and controls all read and write operations to the slave devices on the serial bus, and both
the master and the slave devices can transmit and receive data on the bus.
The serial interface is comprised of just two signal lines: Serial Clock (SCL) and Serial Data (SDA).
The SCL pin is used to receive the clock signal from the master, while the bidirectional SDA pin is used to
receive command and data information from the master as well as to send data back to the master.
Data is always latched into the AT24C01C/AT24C02C on the rising edge of SCL and always output from
the device on the falling edge of SCL. Both the SCL and SDA pin incorporate integrated spike
suppression filters and Schmitt Triggers to minimize the effects of input spikes and bus noise.
All command and data information is transferred with the Most Significant bit (MSb) first. During bus
communication, one data bit is transmitted every clock cycle, and after eight bits (one byte) of data have
been transferred, the receiving device must respond with either an Acknowledge (ACK) or a
No-Acknowledge (NACK) response bit during a ninth clock cycle (ACK/NACK clock cycle) generated by
the master. Therefore, nine clock cycles are required for every one byte of data transferred. There are no
unused clock cycles during any read or write operation, so there must not be any interruptions or breaks
in the data stream during each data byte transfer and ACK or NACK clock cycle.
During data transfers, data on the SDA pin must only change while SCL is low, and the data must remain
stable while SCL is high. If data on the SDA pin changes while SCL is high, then either a Start or a Stop
condition will occur. Start and Stop conditions are used to initiate and end all serial bus communication
between the master and the slave devices. The number of data bytes transferred between a Start and a
Stop condition is not limited and is determined by the master. In order for the serial bus to be idle, both
the SCL and SDA pins must be in the logic-high state at the same time.
5.1
Clock and Data Transition Requirements
The SDA pin is an open-drain terminal and therefore must be pulled high with an external pull‑up resistor.
SCL is an input pin that can either be driven high or pulled high using an external pull‑up resistor. Data on
the SDA pin may change only during SCL low time periods. Data changes during SCL high periods will
indicate a Start or Stop condition as defined below. The relationship of the AC timing parameters with
respect to SCL and SDA for the AT24C01C/AT24C02C are shown in the timing waveform in Figure 4-1.
The AC timing characteristics and specifications are outlined in AC Characteristics.
5.2
Start and Stop Conditions
5.2.1
Start Condition
A Start condition occurs when there is a high-to-low transition on the SDA pin while the SCL pin is at a
stable logic ‘1’ state and will bring the device out of Standby mode. The master uses a Start condition to
initiate any data transfer sequence; therefore, every command must begin with a Start condition.
The device will continuously monitor the SDA and SCL pins for a Start condition but will not respond
unless one is detected. Refer to Figure 5-1 for more details.
5.2.2
Stop Condition
A Stop condition occurs when there is a low-to-high transition on the SDA pin while the SCL pin is stable
in the logic ‘1’ state.
AT24C01C/AT24C02C
Device Operation and Communication
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com