Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C01C-MAHM-T Datasheet(PDF) 15 Page - Microchip Technology

Part # AT24C01C-MAHM-T
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C-MAHM-T Datasheet(HTML) 15 Page - Microchip Technology

Back Button AT24C01C-MAHM-T Datasheet HTML 11Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 12Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 13Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 14Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 15Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 16Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 17Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 18Page - Microchip Technology AT24C01C-MAHM-T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
5.5
Software Reset
After an interruption in protocol, power loss or system Reset, any two‑wire device can be protocol reset
by clocking SCL until SDA is released by the EEPROM and goes high. The number of clock cycles until
SDA is released by the EEPROM will vary. The software Reset sequence should not take more than nine
dummy clock cycles. Once the software Reset sequence is complete, new protocol can be sent to the
device by sending a Start condition followed by the protocol. Refer to Figure 5-2 for an illustration.
Figure 5-2. Software Reset
SCL
9
Device is
8
3
2
1
SDA
Dummy Clock Cycles
SDA Released
Software Reset
by EEPROM
In the event that the device is still non-responsive or remains active on the SDA bus, a power cycle must
be used to reset the device (see Power-Up Requirements and Reset Behavior).
AT24C01C/AT24C02C
Device Operation and Communication
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com