Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H725AE Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 65Page - STMicroelectronics STM32H725AE Datasheet HTML 66Page - STMicroelectronics STM32H725AE Datasheet HTML 67Page - STMicroelectronics STM32H725AE Datasheet HTML 68Page - STMicroelectronics STM32H725AE Datasheet HTML 69Page - STMicroelectronics STM32H725AE Datasheet HTML 70Page - STMicroelectronics STM32H725AE Datasheet HTML 71Page - STMicroelectronics STM32H725AE Datasheet HTML 72Page - STMicroelectronics STM32H725AE Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 283 page
background image
DS13311 Rev 3
69/282
STM32H725xE/G
Pinouts, pin descriptions and alternate functions
112
19
27
H3
39
V9
N1
R2
43
PA2
I/O
FT_ha
-
TIM2_CH3,
TIM5_CH3,
LPTIM4_OUT,
TIM15_CH1,
OCTOSPIM_P1_IO0,
USART2_TX(boot),
SAI4_SCK_B,
ETH_MDIO,
MDIOS_MDIO,
LCD_R1, EVENTOUT
ADC12_INP14,
WKUP2
-
-
-
-
-
N2
N4
-
PH2
I/O
FT_ha
-
LPTIM1_IN2,
OCTOSPIM_P1_IO4,
SAI4_SCK_B,
ETH_MII_CRS,
FMC_SDCKE0,
LCD_R0, EVENTOUT
ADC3_INP13
-
-
-
-
AA10
-
-
44
VDD
S
-
-
-
-
-
-
-
-
-
-
-
45
VSS
S
-
-
-
-
-
-
-
-
-
M3
R4
-
PH3
I/O
FT_ha
-
OCTOSPIM_P1_IO5,
SAI4_MCLK_B,
ETH_MII_COL,
FMC_SDNE0,
LCD_R1, EVENTOUT
ADC3_INN13,
ADC3_INP14
-
-
-
-
-
-
P4
-
PH4
I/O
FT_fa
-
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT,
PSSI_D14, LCD_G4,
EVENTOUT
ADC3_INN14,
ADC3_INP15
-
-
-
-
-
-
R5
-
PH5
I/O
FT_fh
a
-
I2C2_SDA,
SPI5_NSS,
FMC_SDNWE,
EVENTOUT
ADC3_INN15,
ADC3_INP16
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com