Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H725AE Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 104Page - STMicroelectronics STM32H725AE Datasheet HTML 105Page - STMicroelectronics STM32H725AE Datasheet HTML 106Page - STMicroelectronics STM32H725AE Datasheet HTML 107Page - STMicroelectronics STM32H725AE Datasheet HTML 108Page - STMicroelectronics STM32H725AE Datasheet HTML 109Page - STMicroelectronics STM32H725AE Datasheet HTML 110Page - STMicroelectronics STM32H725AE Datasheet HTML 111Page - STMicroelectronics STM32H725AE Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 283 page
background image
Port G
PG0
-
---
--
--
-
OCTOS
PIM_P2_
IO4
-
UART9_
RX
FMC_A1
0
--
EVENTO
UT
PG1
-
---
--
--
-
OCTOS
PIM_P2_
IO5
-
UART9_
TX
FMC_A1
1
--
EVENTO
UT
PG2
-
-
-
TIM8_B
KIN
--
--
--
-
TIM8_B
KIN_CO
MP12
FMC_A1
2
-
TIM24_E
TR
EVENTO
UT
PG3
-
-
-
TIM8_B
KIN2
--
--
--
-
TIM8_B
KIN2_C
OMP12
FMC_A1
3
TIM23_E
TR
-
EVENTO
UT
PG4
-
TIM1_B
KIN2
--
--
--
--
-
TIM1_B
KIN2_C
OMP12
FMC_A1
4/FMC_
BA0
--
EVENTO
UT
PG5
-
TIM1_ET
R
--
--
--
--
--
FMC_A1
5/FMC_
BA1
--
EVENTO
UT
PG6
-
TIM17_B
KIN
--
--
--
--
OCTOS
PIM_P1_
NCS
-
FMC_NE
3
DCMI_D
12/PSSI
_D12
LCD_R7
EVENTO
UT
PG7
-
---
--
SAI1_M
CLK_A
USART6
_CK
-
OCTOS
PIM_P2_
DQS
--
FMC_IN
T
DCMI_D
13/PSSI
_D13
LCD_CL
K
EVENTO
UT
PG8
-
-
-
TIM8_ET
R
-
SPI6_NS
S/I2S6_
WS
-
USART6
_RTS/U
SART6_
DE
SPDIFR
X1_IN3
--
ETH_PP
S_OUT
FMC_SD
CLK
-
LCD_G7
EVENTO
UT
Table 9. STM32H725 pin alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/LP
TIM1/SA
I4/TIM16
/17/TIM1
x/TIM2x
FDCAN3
/PDM_S
AI1/TIM3
/4/5/12/1
5
DFSDM1
/LCD/LP
TIM2/3/4
/5/LPUA
RT1/OC
TOSPIM
_P1/2/TI
M8
CEC/DC
MI/PSSI/
DFSDM1
/I2C1/2/3
/4/5/LPTI
M2/OCT
OSPIM_
P1/TIM1
5/USAR
T1/10
CEC/FD
CAN3/S
PI1/I2S1/
SPI2/I2S
2/SPI3/I2
S3/SPI4/
5/6
DFSDM1
/I2C4/5/
OCTOS
PIM_P1/
SAI1/SPI
3/I2S3/U
ART4
SDMMC
1/SPI2/I2
S2/SPI3/
I2S3/SPI
6/UART
7/USAR
T1/2/3/6
LPUART
1/SAI4/S
DMMC1/
SPDIFR
X1/SPI6/
UART4/
5/8
FDCAN1
/2/FMC/
LCD/OC
TOSPIM
_P1/2/S
AI4/SDM
MC2/SP
DIFRX1/
TIM13/1
4
CRS/FM
C/LCD/O
CTOSPI
M_P1/O
TG1_FS/
OTG1_H
S/SAI4/S
DMMC2/
TIM8
DFSDM1
/ETH/I2C
4/LCD/M
DIOS/O
CTOSPI
M_P1/S
DMMC2/
SWPMI1
/TIM1x/T
IM8/UAR
T7/9/US
ART10
FMC/LC
D/MDIO
S/OCTO
SPIM_P
1/SDMM
C1/TIM1
x/TIM8
COMP/D
CMI/PSS
I/LCD/TI
M1x/TIM
23
LCD/TIM
24/UAR
T5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com