Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103VCT6TR Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F103VCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6TR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F103VCT6TR Datasheet HTML 81Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 82Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 83Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 84Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 85Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 86Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 87Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 88Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 143 page
background image
DS5792 Rev 13
85/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
Figure 41. NAND controller waveforms for common memory write access
Table 40. Switching characteristics for NAND Flash read and write cycles(1)
1. CL = 15 pF.
Symbol
Parameter
Min
Max
Unit
td(D-NWE)(2)
2. Guaranteed by characterization results.
FSMC_D[15:0] valid before FSMC_NWE high
5tHCLK + 12
-
ns
tw(NOE)(2)
FSMC_NWE low width
4tHCLK-1.5
4tHCLK+1.5
ns
tsu(D-NOE)(2)
FSMC_D[15:0] valid data before
FSMC_NOE
high
25
-
ns
th(NOE-D)(2)
FSMC_D[15:0] valid data after FSMC_NOE high
7
-
-
tw(NWE)(2)
FSMC_NWE low width
4tHCLK-1
4tHCLK+1
ns
tv(NWE-D)(2)
FSMC_NWE low to FSMC_D[15:0] valid
-
0
ns
th(NWE-D)(2)
FSMC_NWE high to FSMC_D[15:0] invalid
2tHCLK + 4
-
ns
td(ALE-NWE)(3)
3. Guaranteed by design.
FSMC_ALE valid before FSMC_NWE low
-
3tHCLK + 1.5 ns
th(NWE-ALE)(3) FSMC_NWE high to FSMC_ALE invalid
3tHCLK + 4.5
-
ns
td(ALE-NOE)(3) FSMC_ALE valid before FSMC_NOE low
-
3tHCLK+ 2
ns
th(NOE-ALE)(3) FSMC_NWE high to FSMC_ALE invalid
3tHCLK+ 4.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com