Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

20003AB Datasheet(PDF) 4 Page - Dialight Corporation

Part # 20003AB
Description  LED Bus Lighting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

20003AB Datasheet(HTML) 4 Page - Dialight Corporation

  20003AB Datasheet HTML 1Page - Dialight Corporation 20003AB Datasheet HTML 2Page - Dialight Corporation 20003AB Datasheet HTML 3Page - Dialight Corporation 20003AB Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MARKER LAMPS FOR BUS APPLICATIONS
Part No.
Description
Figure
13001AB
Mini Marker, Amber with 2 - .180 bullet termination
1
13001RB
Mini Marker, Red with 2 - .180 bullet termination
1
15001AB
Slimline Marker, Amber with .180 bullet and ring terminal
2
15001RB
Slimline Marker, Red with .180 bullet and ring terminal
2
15003AB
Slimline Marker, Amber, 24V, with .180 bullet and ring terminal
2
15003RB
Slimline Marker, Red, 24V, with .180 bullet and ring terminal
2
16001AB
2 Inch Round Marker, Amber
3
16001RB
2 Inch Round Marker, Red
3
16003AB
2 Inch Round Marker, Amber, 24V
3
16003RB
2 Inch Round Marker, Red, 24V
3
17001AB
2 1/2 Inch Round Marker, Amber
4
17001RB
2 1/2 Inch Round Marker, Red
4
17003AB
2 1/2 Inch Round Marker, Amber, 24V
4
17003RB
2 1/2 Inch Round Marker, Red, 24V
4
17081AB
2 1/2 Inch Round Black Flanged Marker, Amber
5
17081RB
2 1/2 Inch Round Black Flanged Marker, Red
5
17083AB
2 1/2 Inch Round Black Flanged Marker, Amber, 24V
5
17083RB
2 1/2 Inch Round Black Flanged Marker, Red, 24V
5
18001AB
Rectangular Marker, Amber
6
18001GB
Rectangular Door Indicator, Green
6
18001RB
Rectangular Marker, Red
6
18011AB
Rectangular Marker, Amber, 24V
6
18011GB
Rectangular Door Indicator, Green, 24V
6
18011RB
Rectangular Marker, Red, 24V
6
19001AB
Ultra Thinline Marker, Amber, with .180 bullet and ring terminal
7
19001RB
Ultra Thinline Marker, Red, with .180 bullet and ring terminal
7
20001AB
Flush Mount Roof Marker, to Mounting Slope, Amber
8
20003AB
Flush Mount Roof Marker, to Mounting Slope, Amber, 24V
8
45001AB
Recess Mount Marker, Amber
9
45001RB
Recess Mount Marker Up to 10 lope, Red
9
45003AB
Recess Mount Marker, Amber, 24V
9
45003RB
Recess Mount Marker Up to 10 lope, Red, 24V
9
45021RB
Recess Mount Marker to Slope, Red
9
45023RB
Recess Mount Marker to 30 lope, Red, 24V
9
*12 volts, unless otherwise specified. Include integral wiring with Packard Connectors unless noted
ACCESSORIES
Part No.
Description
91502A
15 Series Aluminum Armor Guard
91601A
16 Series Mounting Grommet
91701A
17 Series Mounting Grommet
91802A
18 Series Aluminum Armor Guard
94012B
3 Position Packard Connector Kit, Male Connector, Female Terminals
94012C
3 Position Packard Connector Kit, Female Connector, Male Terminals
94511B
2 Position Packard Connector Kit, Male Connector, Female Terminals
94511C
2 Position Packard Connector Kit, Female Connector, Male Terminals
*See Dialight warranty statement for details.
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 USA • (1) 732-919-3119 • Fax (1) 732-751-5778
www.dialight.com
MBTBBMLX001_B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com