Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

45003AB Datasheet(PDF) 3 Page - Dialight Corporation

Part # 45003AB
Description  LED Bus Lighting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

45003AB Datasheet(HTML) 3 Page - Dialight Corporation

  45003AB Datasheet HTML 1Page - Dialight Corporation 45003AB Datasheet HTML 2Page - Dialight Corporation 45003AB Datasheet HTML 3Page - Dialight Corporation 45003AB Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
19 Series
Fig. 7
45 Series
Fig. 9
20 Series
Fig. 8
Thinnest marker lamp available
Fits narrow applications
Available in Amber only
For recessed mounting on a 25o to 37o slope
Available in 12V and 24V
Includes mounting gasket
Sealed acrylic lens/ABS housing
Flush mount
Special mounting angles available
Available in 12V and 24V
Features
• 6” integral 18 AWG wire leads
• Specially designed for bus applications
• Long life
with Packard Weather-Pack,
• Sealed polycarbonate assembly
• Reduced current draw
except 13, 15 and 19 series
(except 45 Series-Acrylic)
• Most available in 24V versions
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 USA
(1) 732-919-3119 • Fax (1) 732-751-5778
www.dialight.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com