Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMBEB150BTS Datasheet(PDF) 24 Page - Eaton All Rights Reserved.

Part # CMBEB150BTS
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMBEB150BTS Datasheet(HTML) 24 Page - Eaton All Rights Reserved.

Back Button CMBEB150BTS Datasheet HTML 20Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 21Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 22Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 23Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 24Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 25Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 26Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 27Page - Eaton All Rights Reserved. CMBEB150BTS Datasheet HTML 28Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
For more information visit: www.cutler-hammer.eaton.com
TD00502001E
Technical Data
Page 24
Effective: April 2002
Meter Breakers
Typical Wiring Diagrams (Type BR Style House Panels)
Figure 63. Type BR Wiring Diagram 8 —
Catalog Numbers HP402440SB and
HP402440SBH
Figure 64. Type BR Wiring Diagram 9 —
Catalog Number HP402442
Figure 65. Type BR Wiring Diagram 10 —
Catalog Number HP404040SHL
Figure 66. Type BR Wiring Diagram 11 —
Catalog Number HP302440S
Figure 67. Type BR Wiring Diagram 12 —
Catalog Numbers HP40S, HP40SH and HP40SHL
Figure 68. Type BR Wiring Diagram Key
A
BONDED
NEUTRAL
EQUIPMENT
GROUNDING
TERMINALS
400 AMPS
(320 AMPS
CONTINUOUS)
FACTORY
INSTALLED
400A
SERVICE
DISCONNECT
NB
LINE
12
34
56
11
9
7
12
10
8
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
A
BONDED
NEUTRAL
EQUIPMENT
GROUNDING
TERMINALS
400 AMPS
(320 AMPS
CONTINUOUS)
FACTORY
INSTALLED
400A
SERVICE
DISCONNECT
NB
LINE
12
34
56
11
9
7
12
10
8
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
12
34
56
11
9
7
12
10
8
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
A
BONDED
NEUTRAL
EQUIPMENT
GROUNDING
TERMINALS
400 AMPS
(320 AMPS
CONTINUOUS)
FACTORY
INSTALLED
200A
SERVICE
DISCONNECT
NB
LINE
FACTORY/FIELD
INSTALLED
200A MAX.
SERVICE
DISCONNECT
(OPTIONAL)
(OPTIONAL)
A
BONDED
NEUTRAL
EQUIPMENT
GROUNDING
TERMINALS
400 AMPS
(320 AMPS
CONTINUOUS)
FACTORY
INSTALLED
200A
SERVICE
DISCONNECT
NB
LINE
FACTORY/FIELD
INSTALLED
100A MAX.
SERVICE
DISCONNECT
12
34
56
11
9
7
12
10
8
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
(OPTIONAL)
A
BONDED
NEUTRAL
EQUIPMENT
GROUNDING
TERMINALS
400 AMPS
(320 AMPS
CONTINUOUS)
FACTORY
INSTALLED
200A
SERVICE
DISCONNECT
NB
LINE
FACTORY/FIELD
INSTALLED
200A MAX.
SERVICE
DISCONNECT
#14-6ÿ AWG
#14-1/0ÿAWG
#6ÿ AWGÿ Ðÿ 250ÿ kcmil
#1ÿ AWGÿ Ðÿ 300ÿ kcmil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com