Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2HWC282MS Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # D2HWC282MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWC282MS Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button D2HWC282MS Datasheet HTML 3Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 4Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 5Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 6Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 7Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 8Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 9Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 10Page - Omron Electronics LLC D2HWC282MS Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
Note1. Unless otherwise specified, a tolerance of
±0.2mm applies to all dimensions.
Note2. The operating characteristics are for operation in the A direction (
).
●Leaf straight lever
D2HW-
@25@@
Operating
characteristics
Type
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
1.2N {122 gf}
0.05N {5 gf}
Overtravel
OT
Movement Differential MD Max.
2.5 mm (reference value)
0.7 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
11.9 mm
8.1
±0.8 mm
6.0 mm
FP OP
TTP
3
6.5
8±0.1
1.7 dia.
13.3
5.3
2.6±0.05
1.5
+0
-0.2
●Leaf Lever
D2HW-
@26@@
Operating
characteristics
Type
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
1.8N {183 gf}
0.20N {20 gf}
Overtravel
OT
Movement Differential MD Max.
1.8 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
9.3 mm
7.4
±0.5 mm
5.8 mm
3
(1.7)
6.5
TTP
8±0.1
FP OP
2.65
14
t0.3 Stainless-steel lever
3.4
A
●Simulated Roller Lever
D2HW-
@27@@
Operating
characteristics
Type
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
1.8N {183 gf}
0.20N {20 gf}
Overtravel
OT
Movement Differential MD Max.
2.0 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
13.0 mm
10.8
±0.5 mm
8.9 mm
3
16
2.65
(1.7)
3.4
6.5
R2
t0.3 Stainless-steel lever
FP OP
TTP
8±0.1
A
●Long Leaf Lever
D2HW-
@28@@
FP
OP
TTP
3
18.5
2.65
(13.3)
13±0.1
20.85±1
3.3±0.15 dia.
t0.2 Stainless-steel lever
6
(12)
300±10
3.1+0.13
-0.03
3 0 dia.
-0.1
1.5 0
-0.1
1.5 0
-0.1
5.3
(5)
COM AVSS 0.5 (Black)
*
NO AVSS 0.5 (Blue)
NC AVSS 0.5 (Red)
A
UL approved wires (AWG24, UL1007) are used for UL/CSA
standard approved items.
*
Operating
characteristics
Type
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
0.9N {92 gf}
0.05N {5 gf}
Overtravel
OT
Movement Differential MD Max.
2.8 mm (reference value)
0.7 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
19 mm
15.4
±1.5 mm
12.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com