Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2HWER282MS Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D2HWER282MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWER282MS Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D2HWER282MS Datasheet HTML 3Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 4Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 5Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 6Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 7Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 8Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 9Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 10Page - Omron Electronics LLC D2HWER282MS Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
Dimensions (Unit: mm) /Operating Characteristics
The following illustrations and drawings are representative models. When ordering, replace
@ with the code for the mounting structure, contact form and terminal that
you need.
See the "
■List of Models" for available combinations of appearances.
Refer to page 3 to 4 for the mounting structures and terminal forms.
Note1. Unless otherwise specified, a tolerance of
±0.2mm applies to all dimensions.
Note2. The operating characteristics are for operation in the A direction (
).
4
1.7 dia.
FP
OP
TTP
7
5.3
A
●Pin plunger
D2HW-@20@@
Operating characteristics
Type
Without
posts
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF
Max.
Releasing Force
RF
Min.
0.75N {76 gf}
0.10N {10 gf}
Overtravel
OT
Movement Differential
MD Max.
1.4 mm (reference value)
0.25 mm
Free Position
FP
Max.
Operating Position
OP
Total Travel Position
TTP Max.
11.2 mm
10.4
±0.2 mm
9.1 mm
7.2 mm
6.4
±0.2 mm
5.1 mm
●Hinge Lever
D2HW-@21@@
Operating characteristics
Type
Without
posts
Models
with Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
0.75N {76 gf}
0.07N {7 gf}
Overtravel
OT
Movement Differential MD Max.
1.6 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
12.8 mm
11.5
±0.5 mm
10 mm
8.8 mm
7.5
±0.5 mm
6 mm
FP
OP
TTP
7
(0.4)
13
t0.3
Stainless-steel lever
(1.15)
3.4
A
Operating
characteristics
Type
Without
posts
Models
with Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
0.5N {50 gf}
0.03N {3 gf}
Overtravel
OT
Movement Differential MD Max.
2.5 mm (reference value)
0.8 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
15.5 mm
13.3
±0.8 mm
11 mm
11.5 mm
9.3
±0.8 mm
7 mm
FP
OP
TTP
7
(0.4)
20
t0.3
Stainless-steel lever
(1.15)
3.4
A
●Long Hinge Lever
D2HW-
@22@@
●Simulated Roller Lever
D2HW-
@23@@
Operating
characteristics
Type
Without
posts
Models
with Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
0.65N {66 gf}
0.05N {5 gf}
Overtravel
OT
Movement Differential MD Max.
1.9 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
16.5 mm
15.2
±0.5mm
13.5 mm
12.5 mm
11.2
±0.5 mm
9.5 mm
FP
OP
TTP
7
(0.4)
15
R2
t0.3 Stainless-steel lever
(1.15)
3.4
A
●Hinge Roller Lever
D2HW-
@24@@
Operating
characteristics
Type
Models with
Posts
M3-screw
Mounting
Models
Operating Force
OF Max.
Releasing Force
RF Min.
0.65N {66 gf}
0.03N {3 gf}
Overtravel
OT
Movement Differential MD Max.
1.9 mm (reference value)
0.6 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP Max.
15.3 mm
14
±0.6 mm
12.3 mm
8±0.1
TTP
FP OP
t0.3
Stainless-steel
lever
4.8×2.8 dia.
Polyacetal resin roller
(4.6)
A
(0.4)
(1.15)
3
6.5
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com