Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P032 Datasheet(PDF) 88 Page - Fuji Electric

Part # BW50RAM-3P032
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P032 Datasheet(HTML) 88 Page - Fuji Electric

Back Button BW50RAM-3P032 Datasheet HTML 84Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 85Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 86Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 87Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 88Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 89Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 90Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 91Page - Fuji Electric BW50RAM-3P032 Datasheet HTML 92Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
06/88
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
Steel enclosures
n
Description
Steel enclosures are available in three types — two with V-type
handle which allows the operation from the outside and other
with the operating handle of the breaker extending from it to
allow it to be directly switched ON or OFF from outside the
enclosure.
Enclosures with V-type handles are provided with a door
interlocking mechanism which prevents the door from being
opened in the ON condition.
Knockout holes for wiring use are provided as shown in the
diagram.
Standard
Dustproof
AF96-175
Rainproof
CP97-2636
n
Ordering information
Specify the following:
1. Type number of enclosures
n
Type of enclosures
MCCB
Enclosure
Standard *1
With V-type handle
Dustproof *1*2
Rainproof *1*2
BW32
BW50
BW63
BZ6C10C2 *3
BZ6C10C3
BW9UVBA-3A *3
BW9UWBA-3A *3
BW100
BZ6C25C2 *3
BZ6C25C3 *3
BW9UVBA-3B *3
BW9UWBA-3B *3
BW125
BW9UCCA-2
BW9UCCA-3
BW9UVCA-3
BW9UWCA-3
BW250
BW9UCGA-3
BW9UVGA-3
BW9UWGA-3
BW400
BZ-C60B
BW9UVHA-3
BW9UWHA-3
BW630
BW800
BZ-C70B
BW9UVJA-3
–
*1 No models are available for four-pole products.
*2 The appearance of dust-proof and rain-proof models differs from the photograph (400A frames and higher).
*3 Combination with external accessories(R) is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com