Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GAQW2V040EST Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GAQW2V040EST
Description  48V Input, 2.0VDC, 40A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW2V040EST Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GAQW2V040EST Datasheet HTML 1Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 2Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 3Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 4Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 5Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 6Page - Galaxy Power, Inc. GAQW2V040EST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GAQW2V040 – 4
WWW.GALAXYPWR.COM
Part No. 02-GAQ-04 Rev. 3.0 – 041405
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
RTRIM-UP=
2.0 (100+∆%)
–
(100+2∆%)
5.11kΩ
1.225∆%
∆%
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor with a redundant secondary-side
measurement circuit that both shuts down the duty
cycle and triggers the microprocessor to shut down.
If the output voltage exceeds the over-voltage specifi-
cation, the microprocessor will latch the converter off.
To turn the converter on requires either cycling the
ON/OFF pin or power to the converter. This ad-
vanced feature prevents the converter from damaging
the load if there is a converter failure or application
error. If non-latching is required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum rated
temperature is exceeded, the converter is latched off.
To re-enable the converter requires cycling the ON/
OFF pin or power to the converter. If non-latching is
required, consult factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF signal
for power sequencing
can be accomplished with no change to hardware.
The standard behavior was chosen based on system
design experience but we understand that customers
often have their own requirements.
Please consult Galaxy Power for your special needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V or
10% of Vout, whichever is greater.
Safety:
An external input fuse must always be used to meet
these safety requirements.
External Output Trimming
Application Notes
+Sense
Trim
–Sense
Trim
Up
Trim
Down
10KΩ
Trimpot
Trim-up
Trim-down
{
}
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the
+Sense pin. To trim the output voltage lower, con-
nect the required trim resistor from the Trim pin to
the –Sense pin.
Decrease in Output Voltage (%)
1000
100
10
0
1
23456
7
8
9
10
Trim-down
Increase in Output Voltage (%)
1000
100
10
0
1
23456
7
8
9
10
2.0V Trim-up
{
}
RTRIM-DOWN =
100
– 2
5.11kΩ
∆%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com