Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F20M40CT Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # F20M40CT
Description  20A Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

F20M40CT Datasheet(HTML) 1 Page - SemiWell Semiconductor

  F20M40CT Datasheet HTML 1Page - SemiWell Semiconductor F20M40CT Datasheet HTML 2Page - SemiWell Semiconductor F20M40CT Datasheet HTML 3Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VRRM
Repetitive Peak Reverse Voltage
40
V
VR
Maximum DC Reverse Voltage
40
V
IF(AV)
Average Forward Current @ TC = 105°C
Per Diode
Total Device
10
20
A
A
IFSM
Non-Repetitive Peak Surge Current
(Surge applied at rated load conditions half sinewave,single phase, 60Hz)
250
A
Eas
Non-Repetitive Avalanche Energy @ TC=25°C , Vdd = 15V , L=18uH
5.5
mJ
TJ
Maximum Junction Temperature
- 65 ~ 125
°C
TSTG
Storage Temperature Range
- 65 ~ 150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction-to-Case ( per diode )
3.5
°C/W
Nov, 2002. Rev. 0
Features
Plastic material meets UL94V-0
Metal silicon junction
Very low forward voltage drop
High current / High surge capability
Guarding for over voltage protection
Lead solderable per MIL-STD202,method 208 guaranteed
Lead temperature for soldering purpose 250°C Max
for 10 second
Weight : 2.2 gram (approximately)
General Description
The F20M40CT schottky Rectifier has been designed for
applcations requiring low forward voltage drop and switching
power supply, dc-dc converter, free-wheeling diode, battery
charging, polarity protection application.
3
2
1
Symbol
!
!
!
!
!
!
!
!
!
!
!
!
:
1/3
F20M40CT
F20M40CT
F20M40CT
F20M40CT
SemiWell Semiconductor
20A Schottky Barrier Rectifier
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
:b
b
PROVISIONAL
TO-220F
1
2
3


Similar Part No. - F20M40CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results

Similar Description - F20M40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com