Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B002-DP2AC2-N4 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # B002-DP2AC2-N4
Description  Secure KVM Switch, 2-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DP2AC2-N4 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  B002-DP2AC2-N4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DP2AC2-N4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DP2AC2-N4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DP2AC2-N4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Computer Monitor Interface
Displayport
Console Keyboard and Mouse
Interface
USB
Console Monitor Interface
Displayport
FEATURES & SPECIFICATIONS
Number of Users
1
NIAP-Certified Secure
Yes
On-Screen Display (OSD)
No
Port Selection
Pushbutton
Displayport Specification
1.2
USB Specification
USB 1.1 (up to 12 Mbps); USB 2.0 (up to 480 Mbps)
Driver Required
No
Cat5 KVM Switch
No
Common Access Card (CAC)
Support
Yes
REMOTE ACCESS
Modem Port
No
STANDARDS & COMPLIANCE
External Power Supply Certifications
CE; UKCA; cUL
Product Certifications
NOM (Mexico)
Product Compliance
NIAP PP4.0; RoHS; CE (Europe); UKCA; FCC (USA)
WARRANTY & SUPPORT
Product Warranty Period
(Worldwide)
3-year limited warranty
© 2022 Eaton. All Rights Reserved.
Eaton is a registered trademark. All other trademarks
are the property of their respective owners.
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com