Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCF20C60 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SCF20C60
Description  Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SCF20C60 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SCF20C60 Datasheet HTML 1Page - SemiWell Semiconductor SCF20C60 Datasheet HTML 2Page - SemiWell Semiconductor SCF20C60 Datasheet HTML 3Page - SemiWell Semiconductor SCF20C60 Datasheet HTML 4Page - SemiWell Semiconductor SCF20C60 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
Half Sine Wave : TC = 69 °C
13
A
IT(RMS)
R.M.S On-State Current
180° Conduction Angle
20
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, Sine Wave
Non-Repetitive
220
A
I2t
I2t for Fusing
t = 8.3ms
242
A2s
di/dt
Critical rate of rise of on-state current
50
A/
PGM
Forward Peak Gate Power Dissipation
20
W
PG(AV)
Forward Average Gate Power Dissipation
Over any 20ms period
1
W
IFGM
Forward Peak Gate Current
5
A
VRGM
Reverse Peak Gate Voltage
5.0
V
VISO
Isolation Breakdown Voltage(R.M.S.)
A.C. 1 minute
1500
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
SCF20C60
Aug, 2003. Rev. 0
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 20 A )
Low On-State Voltage (1.3V(Typ.)@ ITM)
Non-isolated Type
General Description
Standard gate triggering SCR is fully isolated package suitable for
the application where requiring high bidirectional blocking voltage
capability and also suitable for over voltage protection ,motor con-
trol circuit in power tool, inrush current limit circuit and heating
control system.
3. Gate
1. Cathode
Symbol
1/5
SemiWell Semiconductor
Silicon Controlled Rectifiers
2. Anode
Copyright@SemiWell Semiconductor Co., Ltd., All rights are reserved.
TO-220F
1
2
3


Similar Part No. - SCF20C60

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCF20-05-1100 KEMET-SCF20-05-1100 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
SCF20-05-1100 KEMET-SCF20-05-1100 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
SCF20-05-550 KEMET-SCF20-05-550 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
SCF20-05-550 KEMET-SCF20-05-550 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 5500 uH
SCF20-05-550 KEMET-SCF20-05-550 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
More results

Similar Description - SCF20C60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com