Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GHT2V060PHSRGT002 Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GHT2V060PHSRGT002
Description  TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHT2V060PHSRGT002 Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GHT2V060PHSRGT002 Datasheet HTML 1Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 2Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 3Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 4Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 5Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 6Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 7Page - Galaxy Power, Inc. GHT2V060PHSRGT002 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Taurus HC Series, Page 2
Part No. 01–001 Rev. 4.0_082803
WWW.GALAXYPWR.COM
General Specifications
VIN = 48V DC, T A @25 °C, 300 LFM airflow, V OUT =3.3V, I OUT = Full Load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
V DC
Input Current (Model Dependent)
8.0
A
Input Capacitance
6.6
µF
Input Hysteresis, Low Line
2
V DC
Output Characteristics
Regulation Over Line, Load & Temperature
98
102
%V NOM
Voltage Ripple
25
mV RMS
Voltage Ripple, 20MHz BW
125
mV P–P
Current Range
0
60
A
Current Limit Inception
62
72
A
Short Circuit Current, Peak (see Note below)
75
A
Output Transient Response, 50% to 75% load change, 1A/
µsec
125
mV
Settling Time to
±1%
300
µS
Turn-on Time to 98% Vnom
30
mS
Output Overshoot at Turn-on
1
%V OUT
Trim Range
90
110
%V OUT
Overvoltage Protection, Latching
130
%V OUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2000
V DC
Isolation Resistance
10
M
Ω
Features
Overtemperature Protection, Thermal Sensor, Latching*
117
°C
Input, Output Ripple Frequency, Fixed**
200
kHz
Notes: During short circuit, converter will shut down and attempt to restart once per second.
The average current during this condition will be very low and the device can be safely left in this condition
continuously. For specific output voltage specifications, see the corresponding detailed data sheet.
*PCB less than 130
°C
**3V360 = 300kHz
General Specifications
Operating Temperature
-40
°C to +100°C
Storage Temperature
–55
°C to +125°C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.
9 to 200Hz 1g
Material Flammability
UL V-0
Weight
55 grams
MTBF
Telcordia (Bellcore)
1,300,000 hours
Approvals and Standards
UL and c-UL Recognized Component,
TUV, UL60950, CSA 22.2 No. 950,
IEC/EN60950**
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR22,
Class B and CISPR24.
** An external fuse shall be used to comply with the requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com