Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPDC2V520RMSRT002 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GPDC2V520RMSRT002
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPDC2V520RMSRT002 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GPDC2V520RMSRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dorado, Page 3
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
Undervoltage Lockout
30
32
36
34
40
38
Input Voltage (V)
Voltage
Rising
Voltage
Falling
Overvoltage Lockout
75
76
78
77
80
79
Input Voltage (V)
Voltage
Rising
Voltage
Falling
CoolConverter™
Galaxy’s proprietary CoolConverter™ provides:
•Patent Pending single-stage power conversion
architecture, control, and magnetic design allow
unprecedented power density and efficiency in an isolated
power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will not
allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent the
converter from turning on and off repeatedly when the
voltage is held near either voltage extreme. At low line
this assures the maximum input current is not exceeded;
at high line this assures the semiconductor devices in
the converter are not damaged by excessive voltage
stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below 1.0 V
with respect to the –INPUT pin to enable the converter.
For Positive logic, the ON/OFF pin is brought to greater
than 4.0 V with respect to the –INPUT pin. To request
the Positive logic version, add the suffix (P) to the
standard part number. The positive version has a built-
in pull up resistor of approximately 100 k
Ω.
Application Notes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com