Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX23L3254 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L3254
Description  32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3254 Datasheet(HTML) 2 Page - Macronix International

  MX23L3254 Datasheet HTML 1Page - Macronix International MX23L3254 Datasheet HTML 2Page - Macronix International MX23L3254 Datasheet HTML 3Page - Macronix International MX23L3254 Datasheet HTML 4Page - Macronix International MX23L3254 Datasheet HTML 5Page - Macronix International MX23L3254 Datasheet HTML 6Page - Macronix International MX23L3254 Datasheet HTML 7Page - Macronix International MX23L3254 Datasheet HTML 8Page - Macronix International MX23L3254 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
P/N: PM1167
REV. 1.2, JUN. 08, 2005
MX23L3254
MEMORY ORGANIZATION
The memory is organized as:
- 4M bytes (8 bits each)
BLOCK DIAGRAM
HOLD#
S#
Control Logic
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
X Decoder
Size of the
read-only
memory area
C
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com