Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F87-I/ML Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16F87-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87-I/ML Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16F87-I/ML Datasheet HTML 128Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 129Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 130Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 131Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 132Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 133Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 134Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 135Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 214 page
background image
PIC16F87/88
DS30487B-page 130
Preliminary
 2003 Microchip Technology Inc.
REGISTER 15-1:
CONFIG1: CONFIGURATION WORD 1 REGISTER (ADDRESS 2007h)
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP
CCPMX RESV WRT1 WRT0
CPD
LVP
BOREN MCLRE FOSC2PWRTEN WDTEN FOSC1FOSC0
bit 13
bit 0
bit 13
CP: FLASH Program Memory Code Protection bits
1
= Code protection off
0
= 0000h to 0FFFh code protected (All protected)
bit 12
CCPMX: CCP1 Pin Selection bit
1
= CCP1 function on RB0
0
= CCP1 function on RB3
bit 11
DEBUG: In-Circuit Debugger Mode bit
1
= In-circuit debugger disabled, RB6 and RB7 are general purpose I/O pins
0
= In-circuit debugger enabled, RB6 and RB7 are dedicated to the debugger
bit 10-9
WRT<1:0>: FLASH Program Memory Write Enable bits
11
= Write protection off
10
= 0000h to 00FFh write protected, 0100h to 0FFFh may be modified by EECON control
01
= 0000h to 07FFh write protected, 0800h to 0FFFh may be modified by EECON control
00
= 0000h to 0FFFh write protected
bit 8
CPD: Data EE Memory Code Protection bit
1
= Code protection off
0
= Data EE memory code protected
bit 7
LVP: Low-Voltage Programming Enable bit
1
= RB3/PGM pin has PGM function, low-voltage programming enabled
0
= RB3 is digital I/O, HV on MCLR must be used for programming
bit 6
BOREN: Brown-out Reset Enable bit
1
= BOR enabled
0
= BOR disabled
bit 5
MCLRE: RA5/MCLR Pin Function Select bit
1
= RA5/MCLR pin function is MCLR
0
= RA5/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 4, 1-0 FOSC<2:0>: Oscillator Selection bits
111
= EXTRC oscillator; CLKO function on RA6/OSC2/CLKO
110
= EXTRC oscillator; port I/O function on RA6/OSC2/CLKO
101
= INTRC oscillator; CLKO function on RA6/OSC2/CLKO pin and port I/O function on RA7/OSC1/CLKI pin
100
= INTRC oscillator; port I/O function on both RA6/OSC2/CLKO pin and RA7/OSC1/CLKI pin
011
= EXTCLK; port I/O function on RA6/OSC2/CLKO
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com