Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 42Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 214 page
background image
PIC16F87/88
DS30487B-page 44
Preliminary
 2003 Microchip Technology Inc.
4.7.2
SEC_RUN MODE
The core and peripherals can be configured to be
clocked by T1OSC using a 32.768 kHz crystal. The
crystal must be connected to the T1OSO and T1OSI
pins. This is the same configuration as the low-power
timer circuit (see Section 7.6 “Timer1 Oscillator”).
When SCS bits are configured to run from T1OSC, a
clock transition is generated. It will clear the OSTS bit,
switch the system clock from either the primary system
clock, or INTRC, depending on the value of SCS<1:0>
and FOSC<2:0>, to the external low-power Timer1
oscillator input (T1OSC), and shut down the primary
system clock to conserve power.
After a clock switch has been executed, the internal Q
clocks are held in the Q1 state until eight falling edge
clocks are counted on the T1OSC. After the eight
clock periods have transpired, the clock input to the Q
clocks is released and operation resumes (see
Figure 4-8). In addition, T1RUN (In T1CON) is set to
indicate that T1OSC is being used as the system
clock.
FIGURE 4-8:
TIMING DIAGRAM FOR SWITCHING TO SEC_RUN MODE
Note 1: The T1OSCEN bit must be enabled and it
is the user’s responsibility to ensure
T1OSC is stable before clock switching to
the T1OSC input clock can occur.
2: When T1OSCEN = 0, the following possible
effects result.
Original
SCS<1:0>
Modified
SCS<1:0>
Final
SCS<1:0>
00
01
00
- no change
00
11
10
- INTRC
10
11
10
- no change
10
01
00
- OSC
defined by
FOSC<2:0>
A clock switching event will occur if the
final state of the SCS bits is different from
the original.
Q4
Q3
Q2
OSC1
SCS<1:0>
Program
PC +1
PC
Note 1:
TT1P = 30.52
µs.
2: TOSC = 50 ns minimum.
3: TSCS = 8 TT1P
4: TDLY = 1 TT1P.
Q1
T1OSI
Q1
TSCS(3)
Counter
Q1
TDLY(4)
TT1P(1)
System
Clock
TOSC(2)
Q3
Q2
Q4
Q1
Q2
PC + 2
PC +3
Q3
Q4
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com