Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 121Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 122Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 123Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 124Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 125Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 126Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 127Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 128Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 123
PIC16F87/88
13.2
Comparator Operation
A single comparator is shown in Figure 13-2, along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN-, the output of the comparator
is a digital low level. When the analog input at VIN+ is
greater than the analog input VIN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 13-2 represent
the uncertainty due to input offsets and response time.
13.3
Comparator Reference
An external or internal reference signal may be used
depending on the comparator operating mode. The
analog signal present at VIN- is compared to the signal
at VIN+, and the digital output of the comparator is
adjusted accordingly (Figure 13-2).
FIGURE 13-2:
SINGLE COMPARATOR
13.3.1
EXTERNAL REFERENCE SIGNAL
When external voltage references are used, the
comparator module can be configured to have the com-
parators operate from the same, or different reference
sources. However, threshold detector applications may
require the same reference. The reference signal must
be between VSS and VDD, and can be applied to either
pin of the comparator(s).
13.3.2
INTERNAL REFERENCE SIGNAL
The comparator module also allows the selection of an
internally
generated
voltage
reference
for
the
comparators. Section 14.0 “Comparator Voltage
Reference Module” contains a detailed description of
the Comparator Voltage Reference module that pro-
vides this signal. The internal reference signal is used
when comparators are in mode CM<2:0> = 110
(Figure 13-1). In this mode, the internal voltage
reference is
applied
to
the
VIN+
pin
of
both
comparators.
13.4
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the
comparator output has a valid level. If the internal
reference is changed, the maximum delay of the inter-
nal voltage reference must be considered when using
the comparator outputs. Otherwise, the maximum
delay of the comparators should be used (Section 18.0
“Electrical Characteristics”).
13.5
Comparator Outputs
The comparator outputs are read through the CMCON
register. These bits are read only. The comparator
outputs may also be directly output to the RA3 and RA4
I/O pins. When enabled, multiplexors in the output path
of the RA3 and RA4 pins will switch and the output of
each pin will be the unsynchronized output of the com-
parator. The uncertainty of each of the comparators is
related to the input offset voltage and the response time
given in the specifications. Figure 13-3 shows the
comparator output block diagram.
The TRISA bits will still function as an output enable/
disable for the RA3 and RA4 pins while in this mode.
The polarity of the comparator outputs can be changed
using the C2INV and C1INV bits (CMCON<4:5>).
–
+
VIN+
VIN-
Output
VIN–
VIN+
Output
Output
VIN+
VIN-
Note 1: When reading the PORT register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert an analog input, according to the
Schmitt Trigger input specification.
2: Analog levels, on any pin defined as a
digital input, may cause the input buffer to
consume more current than is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com