Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/ML Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16F88-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/ML Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16F88-I/ML Datasheet HTML 167Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 168Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 169Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 170Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 171Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 172Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 173Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 174Page - Microchip Technology PIC16F88-I/ML Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 169
PIC16F87/88
Supply Current (IDD)(2,3)
PIC16LF87/88
8
20
µA
-40°C
FOSC = 31.25 kHz
(RC_RUN mode,
Internal RC Oscillator)
715
µA
25°C
VDD = 2.0V
715
µA
85°C
PIC16LF87/88
16
30
µA
-40°C
14
25
µA
25°C
VDD = 3.0V
14
25
µA
85°C
All devices
32
40
µA
-40°C
29
35
µA
25°C
VDD = 5.0V
29
35
µA
85°C
PIC16LF87/88
132
160
µA
-40°C
FOSC = 1 MHz
(RC_RUN mode,
Internal RC Oscillator)
126
155
µA
25°C
VDD = 2.0V
126
155
µA
85°C
PIC16LF87/88
260
310
µA
-40°C
230
300
µA
25°C
VDD = 3.0V
230
300
µA
85°C
All devices
560
690
µA
-40°C
500
650
µA
25°C
VDD = 5.0V
500
650
µA
85°C
PIC16LF87/88
310
420
µA
-40°C
FOSC = 4 MHz
(RC_RUN mode,
Internal RC Oscillator)
300
410
µA
25°C
VDD = 2.0V
300
410
µA
85°C
PIC16LF87/88
550
650
µA
-40°C
530
620
µA
25°C
VDD = 3.0V
530
620
µA
85°C
All devices
1.2
1.5
mA
-40°C
1.1
1.4
mA
25°C
VDD = 5.0V
1.1
1.4
mA
85°C
18.2
DC Characteristics: Power-down and Supply Current
PIC16F87/88 (Industrial)
PIC16LF87/88 (Industrial) (Continued)
PIC16LF87/88
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F87/88
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with
the part in SLEEP mode, with all I/O pins in high-impedance state and tied to VDD or VSS, and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com