Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R232 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R232 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R232 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
23
November 23, 2005
I
2C Bus Serial Interface
I
2C Bus is implemented in the device. The I2C Bus is a
bidirectional two-wire lines. The data line and clock line
are implement in SDA pin and SCL pin. The SDA and
SCL are NMOS open drain output pin. They must con-
nect a pull-high resistor respectively.
Using the I
2C Bus, the device has two ways to transfer
data. One is in slave transmit mode, the other is in slave
receive mode. There are four registers related to I
2C
Bus; HADR([20H]), HCR([21H]), HSR([22H]),
HDR([23H]). The HADR register is the slave address
setting of the device, if the master sends the calling ad-
dress which match, it means that this device is selected.
The HCR is I
2C Bus control register which defines the
device enable or disable the I
2C Bus as a transmitter or
as a receiver. The HSR is I
2C Bus status register, it re-
sponds with the I
2C Bus status. The HDR is input/output
data register, data to transmit or receive must be via the
HDR register.
The I
2C Bus control register contains three bits. The
HEN bit defines whether to enable or disable the I
2C
Bus. If the data wants to transfer via I
2C Bus, this bit
must be set. The HTX bit defines whether the I
2C Bus is
in transmit or receive mode. If the device is as a trans-
mitter, this bit must be set to
²1². The TXAK defines the
transmit acknowledge signal, when the device received
8-bit data, the device sends this bit to I
2C Bus at the 9th
clock. If the receiver wants to continue to receive the
next data, this bit must be reset to
²0² before receiving
data.
The I
2C Bus status register contains 5 bits. The HCF bit
is reset to
²0² when one data byte is being transferred. If
one data transfer is completed, this bit is set to
²1². The
HAAS bit is set
²1² when the address is match, and the
I
2C Bus interrupt request flag is set to ²1². If the interrupt
is enabled and the stack is not full, a subroutine call to
location 10H will occur. Writing data to the I
2C Bus con-
trol register clears HAAS bit. If the address is not match,
this bit is reset to
²0². The HBB bit is set to respond the
I
2C Bus is busy. It mean that a START signal is detected.
This bit is reset to
²0² when the I2C Bus is not busy. It
means that a STOP signal is detected and the I
2C Bus is
free. The SRW bit defines the read/write command bit, if
the calling address is match. When HAAS is set to
²1²,
the device check SRW bit to determine whether the de-
vice is working in transmit or receive mode. When SRW
bit is set
²1², it means that the master wants to read data
from I
2C Bus, the slave device must write data to I2C
Bus, so the slave device is working in transmit mode.
When SRW is reset to
²0², it means that the master
wants to write data to I
2C Bus, the slave device must
read data from the bus, so the slave device is working in
receive mode. The RXAK bit is reset
²0² indicates an ac-
knowledges signal has been received. In the transmit
mode, the transmitter checks RXAK bit to know the re-
ceiver which wants to receive the next data byte, so the
transmitter continue to write data to the I
2C Bus until the
RXAK bit is set to
²1² and the transmitter releases the
SDA line, so that the master can send the STOP signal
to release the bus.
The HADR bit7-bit1 define the device slave address. At
the beginning of transfer, the master must select a de-
vice by sending the address of the slave device. The bit
0 is unused and is not defined. If the I
2C Bus receives a
start signal, all slave device notice the continuity of the
8-bit data. The front of 7 bits is slave address and the
first bit is MSB. If the address is match, the HAAS status
bit is set and generate an I
2C Bus interrupt. In the ISR,
the slave device must check the HAAS bit to know the
I
2C Bus interrupt comes from the slave address that has
match or completed one 8-bit data transfer. The last bit
of the 8-bit data is read/write command bit, it responds in
SRW bit. The slave will check the SRW bit to know if the
master wants to transmit or receive data. The device
check SRW bit to know it is as a transmitter or receiver.
Bit7~Bit1
Bit0
Slave Address
¾
²¾² means undefined
HADR (20H) Register
The HDR register is the I
2C Bus input/output data regis-
ter. Before transmitting data, the HDR must write the
data which needs to be transmitted. Before receiving
data, the device must dummy read data from HDR.
Transmit or Receive data from I
2C Bus must be via the
HDR register.
At the beginning of the transfer of the I
2C Bus, the de-
vice must initial the bus, the following are the notes for
initialing the I
2C Bus:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com