Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLD4012 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. TLD4012 Datasheet HTML 10Page - Tripath Technology Inc. TLD4012 Datasheet HTML 11Page - Tripath Technology Inc. TLD4012 Datasheet HTML 12Page - Tripath Technology Inc. TLD4012 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
11
TLD4012 – JB/Rev. 2.0a/05.02
APPLICATION INFORMATION
Power D i ssipation D e rating for 5x5mm TQFP with Exposed D i e Pad
For operating at ambient temperatures above 25
°C the device power dissipation, PDISS, must be de-rated
based on a 150
°C maximum junction temperature TJ (max) as given by the following equation:
PDISS = (TJ(max) – TA)/θJA
Where
θJA of the package is determined from the table, and TA is the ambient temperature.
θJA,C/W
(Copper Pad Soldered To PCB)
Airflow
(LFPM)
5x5mm
0
34.5
200
29.1
500
27.2
Values apply when the exposed pad is soldered to a JEDEC standard test board.
Note that PDISS is the power dissipated on the chip, not PCONS which is the power consumed from the
supplies.
The TLD4012 incorporates an exposed die pad on the underside of its package. This acts as a heat sink
and should be connected to a copper plane on the printed circuit board for optimum heat dissipation. This
copper plane must be connected to VSS15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com