Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW1676 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # IW1676
Description  Low Power Off-Line Digital Green-Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW1676 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button IW1676 Datasheet HTML 7Page - Renesas Technology Corp IW1676 Datasheet HTML 8Page - Renesas Technology Corp IW1676 Datasheet HTML 9Page - Renesas Technology Corp IW1676 Datasheet HTML 10Page - Renesas Technology Corp IW1676 Datasheet HTML 11Page - Renesas Technology Corp IW1676 Datasheet HTML 12Page - Renesas Technology Corp IW1676 Datasheet HTML 13Page - Renesas Technology Corp IW1676 Datasheet HTML 14Page - Renesas Technology Corp IW1676 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
iW1676
Low Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.8
Datasheet
© 2022 Renesas Electronics
www.renesas.com
11 of 16
18-Jan-2022
9.4 Constant Voltage Operation
After soft-start has been completed, the digital control block measures the output conditions. It determines output
power levels and adjusts the control system according to a light load or heavy load. If this is in the normal range, the
device operates in the Constant Voltage (CV) mode, and changes the pulse width (TON) and off time (TOFF) in order to
meet the output voltage regulation requirements.
If no voltage is detected on VSENSE it is assumed that the auxiliary winding of the transformer is either open or shorted
and the iW1676 shuts down.
9.5 Constant Current Operation
The constant current (CC mode) is useful in battery charging applications. During this mode of operation the iW1676 will
regulate the output current at a constant level regardless of the output voltage, while avoiding continuous conduction
mode.
To achieve this regulation the iW1676 senses the load current indirectly through the primary current. The primary
current is detected by the ISENSE pin through a resistor from the BJT emitter to ground.
Output Current
IOUT(CC)
VNOM
CV mode
Figure 9.4 : Power Envelope
9.6 Multi-Mode PWM/PFM Control and Quasi-Resonant Switching
The iW1676 uses a proprietary adaptive multi-mode PWM/PFM control to dramatically improve the light-load efficiency
and thus the overall average efficiency.
During the constant voltage (CV) operation, the iW1676 normally operates in a pulse-width-modulation (PWM) mode
during heavy load conditions. In the PWM mode, the switching frequency keeps around constant. As the output load
IOUT is reduced, the on-time tON is decreased, and the controller adaptively transitions to a pulse-frequency-modulation
(PFM) mode. During the PFM mode, the BJT is turned on for a set duration under a given instantaneous rectified AC
input voltage, but its off time is modulated by the load current. With a decreasing load current, the off time increases
and thus the switching frequency decreases.
When the switching frequency approaches to human ear audio band, the iW1676 transitions to a second level of PWM
mode, namely Deep PWM mode (DPWM). During the DPWM mode, the switching frequency keeps around 22kHz in
order to avoid audible noise. As the load current is further reduced, the iW1676 transitions to a second level of PFM
mode, namely Deep PFM mode (DPFM), which can reduce the switching frequency to a very low level. Although
the switching frequency drops across the audible frequency range during the DPFM mode, the output current in the
power converter has reduced to an insignificant level in the DPWM mode before transitioning to the DPFM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com