Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW1697 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # IW1697
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW1697 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button IW1697 Datasheet HTML 4Page - Renesas Technology Corp IW1697 Datasheet HTML 5Page - Renesas Technology Corp IW1697 Datasheet HTML 6Page - Renesas Technology Corp IW1697 Datasheet HTML 7Page - Renesas Technology Corp IW1697 Datasheet HTML 8Page - Renesas Technology Corp IW1697 Datasheet HTML 9Page - Renesas Technology Corp IW1697 Datasheet HTML 10Page - Renesas Technology Corp IW1697 Datasheet HTML 11Page - Renesas Technology Corp IW1697 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
iW1697
Low-Power Off-Line Digital
Green-Mode PWM Controller
Rev. 1.4
iW1697
Page 11
January 18, 2022
1
3
4
6
5
2
6-Lead SOT Package
D
Compliant to JEDEC Standard MO-178AB
Controlling dimensions are in millimeters
This package is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D Moisture Sensitivity Level 1
[b] Package exceeds JEDEC Std No. 22-A111 for Solder Immersion Resistance;
packages can withstand 10 s immersion < 260ºC
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions
or gate burrs shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are
are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar
burrs and interlead flash, but including any mismatch between top and bottom of the plastic
body.
SEATING
PLANE
A1
COPLANARITY
0.10
E1
B
e
e1
A
A2
C
L
α
Millimeters
A1
MIN
MAX
0.00
0.15
A
-
1.45
B
0.30
0.50
C
0.08
0.22
D
2.80
3.00
E
E1
e
0.95 BSC
e1
1.90 BSC
2.80 BSC
1.60 BSC
L
0.30
0.60
0°
8°
α
A2
0.90
1.30
E
2.90 BSC
1
3
4
6
5
2
XYZN
SOT23-6 devices are marked with a 4-digit code. Orientation of Pin 1 is shown below:
10.0 Physical Dimensions
Figure 10.1: Physical dimensions, 6-lead SOT-23 package
Part Number
Options
Package
Description
iW1697-01
Cable Comp = 300 mV
SOT-23
Tape & Reel1
iW1697-05
Cable Comp = 150 mV
SOT-23
Tape & Reel1
Note 1: Tape & Reel packing quantity is 3,000 per reel. Minimum ordering quantity is 3,000.
11.0 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com