Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K95A Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
HT82K95E/HT82K95A
Rev. 1.20
12
October 24, 2005
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialize a
²warm reset²
and only the Program Counter and SP are reset to zero.
To clear the contents of the WDT (including the WDT
prescaler), three methods are employed; external reset
(a low level to RES), software instruction and a
²HALT²
instruction. The software instruction include
²CLR
WDT
² and the other set -²CLR WDT1² and ²CLR
WDT2
². Of these two types of instruction, only one can
be active depending on the ROM code option
-²CLR
WDT times selection option
². If the ²CLR WDT² is se-
lected (i.e. CLRWDT times equal one), any execution of
the
²CLR WDT² instruction will clear the WDT. In the
case wherein
²CLR WDT1² and ²CLR WDT2² are cho-
sen (i.e. CLRWDT times is equal to two), these two in-
structions must be executed to clear the WDT,
otherwise, the WDT may reset the chip as a result of
time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on-chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on I/O ports or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the cause for chip reset can be determined.
The PDF flag is cleared by a system power-up or exe-
cuting the
²CLR WDT² instruction and is set when exe-
cuting the
²HALT² instruction. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that only
resets the Program Counter and SP, the others remain
in their original status.
The I/O ports wake-up and interrupt methods can be
considered as a continuation of normal execution. Each
bit in the Port A can be independently selected to wake
up the device by option. PB, PC and PD can also be se-
lected to wake up the device by option. Upon awakening
from an I/O port stimulus, the program will resume exe-
cution of the next instruction. If it awakens from an inter-
rupt, two sequence may occur. If the related interrupt is
disabled or the interrupt is enabled but the stack is full,
the program will resume execution at the next instruc-
tion. If the interrupt is enabled and the stack is not full,
the regular interrupt response takes place. If an interrupt
request flag is set to
²1² before entering the HALT mode,
the wake-up function of the related interrupt will be dis-
abled. Once a wake-up event occurs, it takes 1024 tSYS
(system clock period) to resume normal operation. In
other words, a dummy period will be inserted after a
wake-up. If the wake-up results from an interrupt ac-
knowledge signal, the actual interrupt subroutine execu-
tion will be delayed by one or more cycles. If the wake up
results in the next instruction execution, this will be exe-
cuted immediately after the dummy period is completed.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the Program Counter and SP, leav-
ing the other circuits in their original state. Some regis-
ters remain unchanged during other reset conditions.
Most registers are reset to the
²initial condition² when
the reset conditions are met. By examining the PDF and
TO flags, the program can distinguish between different
²chip resets².
TO PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com