Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT0610 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT0610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HT0610
33´120 LCD Driver
Rev. 1.00
1
February 24, 2004
Features
· Operating voltage: 2.4V~3.5V
· 33 common/120 segment LCD driver output
· 33´120=3960 bits capacity of built-in graphic display
data RAM (BGDRAM)
· Master and slave mode available for multi-chip
operation
· 8-bit Parallel interface with general MCU
· On-chip oscillator circuit for display clock, external
clock can also be used
· Selectable multiplex ratio: 1/16, 1/32, 1/33
· Selectable bias ratio: 1/5 or 1/7
· External driving circuit for external bias supply
· On-chip selectable voltage doublers and tripler
· Wide range of operating temperature: -30°Cto85°C
· S/W controlled electronic contrast control function
(16 levels)
· External contrast control
· Low power icon mode driven by com32
· Four static icon driver circuit
· High accuracy voltage regulator with temperature co-
efficient (0.00%,
-0.18%, -0.22%, -0.35%)
· Low power consumption
- Read/write mode 170mA (Typical)
- Display mode 160mA (Typical)
- Standby mode 15mA (Typical; Display off; internal
oscillator enable)
- Standby mode < 1mA (Typical; Display off; external
oscillator enable)
· CMOS process
· TCP available
General Description
The HT0610 is a driver and controller LSI for graphic
dot-matrix liquid crystal display systems. It has 33 com-
mon and 120 segment driver circuits. This chip is con-
nected directly to an MCU, accepts 8-bit parallel display
data and stores an on-chip graphic display data RAM
(BGDRAM) of 33
´120 bits. It provides a high-flexible
display section due to the one-to-one correspondence
between BGDRAM bits and LCD panel pixels. It per-
forms BGDRAM read/write operation with no externally
operating clock to minimize power consumption. In ad-
dition, because it contains power supply circuits neces-
sary to drive an LCD, it is possible to make a display
system with minimal components.


Similar Part No. - HT0610

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT0638LG SUTEX-HT0638LG Datasheet
50Kb / 4P
Electronic Line Switch
logo
Kemet Corporation
HT06AB224JN KEMET-HT06AB224JN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
Capacitor, ceramic
HT06BB333KN KEMET-HT06BB333KN Datasheet
51Kb / 1P
Capacitor, ceramic
More results

Similar Description - HT0610

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16650 NEC-UPD16650 Datasheet
62Kb / 12P
120-/128-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
logo
List of Unclassifed Man...
NT7501 ETC-NT7501 Datasheet
319Kb / 38P
33 X 100 RAM-Map LCD Controller/Driver
logo
Rohm
BU97933ACH-3BW ROHM-BU97933ACH-3BW Datasheet
450Kb / 7P
RAM built-in, Dot-matrix 128 x 33 STN LCD control driver
logo
Sharp Corporation
LH1530F SHARP-LH1530F Datasheet
831Kb / 19P
120 OUTPUT LCD COMMON DRIVER
logo
Sitronix Technology Co....
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com