| Electronic Components Datasheet Search |
|
HT95L00P Datasheet(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT95L00P Datasheet(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 51 page ![]() Pin Name I/O Description LCD Driver SEG47~SEG0 O or I/O LCD panel segment outputs. Some segment outputs can be optioned to Bidirectional input/output ports by software. (See the ²LCD Driver² function) COM15~COM0 O or I/O LCD panel common outputs. Some common outputs can be optioned to Bidirectional input/output ports by software. (See the ²LCD Driver² function) VLCD I LCD driver power source. Normal I/O PA7~PA0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high and wake-up function PB7~PB0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high function PD7~PD0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high function Port D could be optioned to LCD signal output, see the ²Input/Output Ports² function PE3~PE0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high function Port E could be optioned to LCD signal output, see the ²Input/Output Ports² function PF7~PF0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high function PG3~PG0 I/O Bidirectional input/output ports. Schmitt trigger input and CMOS output. See mask option table for pull-high function Dialer I/O (See the ²Dialer I/O function²) HFI I Schmitt trigger input structure. An external RC network is recommended for input debouncing. This pin is pulled low with internal resistance of 200k W typ. HFO O CMOS output structure. HDI I Schmitt trigger input structure. An external RC network is recommended for input debouncing. This pin is pulled high with internal resistance of 200k W typ. HDO O CMOS output structure. HKS I This pin detects the status of the hook-switch and its combination with HFI/HDI can con- trol the PO pin output to make or break the line. PO O CMOS output structure controlled by HKS and HFI/HDI pins and which determines whether the dialer connects or disconnects the telephone line. DNPO O NMOS output structure. XMUTE O NMOS output structure. Usually, XMUTE is used to mute the speech circuit when trans- mitting the dialer signal. HT95CXXX Rev. 1.50 6 May 26, 2005 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |