Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT95C40P Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT95C40P
Description  CID Type Phone 8-Bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT95C40P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 12Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 13Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 14Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 15Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
HT95CXXX
Rev. 1.50
12
May 26, 2005
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1). The
bank1~bank14 and bank27 are only indirectly accessi-
ble through memory pointer 1 register (MP1).
The LCD display memory is located at bank 1BH. They
can be read and written to by the indirect addressing
mode using memory pointer 1 (MP1). To turn the display
On or Off, a
²1² or ²0² is written to the corresponding bit
of the memory area.
Special Register, Embedded Control Register, LCD Display Memory and General Purpose RAM
BP
(RAM Bank)
Address
Function
Description
Supported for HT95CXXX
400/P
300/P
200/P
Special Function Register
00H
00H
IAR0
Indirect addressing register 0
ÖÖÖ
00H
01H
MP0
Memory pointer register 0
ÖÖÖ
00H
02H
IAR1
Indirect addressing register 1
ÖÖÖ
00H
03H
MP1
Memory pointer register 1
ÖÖÖ
00H
04H
BP
Bank Pointer register
ÖÖÖ
00H
05H
ACC
Accumulator
ÖÖÖ
00H
06H
PCL
Program counter lower-order byte register
ÖÖÖ
00H
07H
TBLP
Table pointer
ÖÖÖ
00H
08H
TBLH
Table higher-order byte register
ÖÖÖ
00H
09H
WDTS
Watchdog Timer option setting register
ÖÖÖ
00H
0AH
STATUS
Status register
ÖÖÖ
00H
0BH
INTC0
Interrupt control register 0
ÖÖÖ
00H
0CH
TMR0H
Timer/Event Counter 0 high-order byte
register
ÖÖÖ
00H
0DH
TMR0L
Timer/Event Counter 0 low-order byte
register
ÖÖÖ
00H
0EH
TMR0C
Timer/Event Counter 0 control register
ÖÖÖ
00H
0FH
TMR1H
Timer/Event Counter 1 high-order byte
register
ÖÖÖ
00H
10H
TMR1L
Timer/Event Counter 1 low-order byte
register
ÖÖÖ
00H
11H
TMR1C
Timer/Event Counter 1 control register
ÖÖÖ
00H
12H
PA
Port A data register
ÖÖÖ
00H
13H
PAC
Port A control register
ÖÖÖ
00H
14H
PB
Port B data register
ÖÖÖ
00H
15H
PBC
Port B control register
ÖÖÖ
00H
16H
DIALERIO
Dialer I/O register
ÖÖÖ
00H
18H
PD
Port D data register
ÖÖÖ
00H
19H
PDC
Port D control register
ÖÖÖ
00H
1AH
PE
Port E data register
ÖÖÖ
00H
1BH
PEC
Port E control register
ÖÖÖ
00H
1EH
INTC1
Interrupt control register 1
ÖÖÖ
00H
1FH
TBHP
Table high-order byte pointer
Ö¾
¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com