Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74FCT574CSOB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT574CSOB
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT574CSOB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT574CSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT574CSOB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IDT54/74FCT574/A/C
FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARYANDCOMMERCIALTEMPERATURERANGES
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
IDT
X X
Temp. Range
XX XX
Device Type
XX
Package
X
Process
SO
Comm ercial Options
Sm all Outline IC (SO 20-2)
Fast CM OS Octal D Register (3-State)
54
74
– 55°C to +125°C
– 40°C to +85°C
D
E
L
M ilitary O ptions
CERDIP (D20-1)
CERPA CK (E20-1)
Leadless Chip Carrier (L20-2)
Blank
B
Comm ercial
M IL-STD-883, Class B
FCT
574
574A
574C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com