Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PNZ109CL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PNZ109CL
Description  Silicon NPN Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ109CL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PNZ109CL Datasheet HTML 1Page - Panasonic Semiconductor PNZ109CL Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Phototransistors
PNZ109CL
Directivity characteristics
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
PC — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 20
Ta = 25˚C
T = 2856K
ICE(L) — VCE
20
16
12
4
8
0
Collector to emitter voltage
V
CE (V)
020
16
812
424
ICE(L) — L
Illuminance
L (lx)
VCE = 10V
Ta = 25˚C
T = 2856K
10 3
10 2
10
1
10 –1
10
10 3
10 4
10 2
10 –2
1
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
700
800
900
1000
1100
1200
0
600
VCE = 10V
Ta = 25˚C
ICE(L) — Ta
10
1
Ambient temperature
Ta (˚C )
VCE = 10V
L = 100 lx
T = 2856K
– 40
0
40
80
120
10 –1
ICEO — Ta
10 2
10 –1
10
10 –2
1
Ambient temperature
Ta (˚C )
VCE = 10V
10 –3
– 20
0
40
80
20
60
100
tr — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
tf — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 4
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
20
100
80
60
40
RL = 1kΩ
500
100
RL = 1kΩ
500
100
L = 10 lx
100 lx
200 lx
300 lx
500 lx
50 lx



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com