Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI49FCT3803LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT3803LE
Description  1:5/1:7 Clock Buffer for Networking Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3803LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT3803LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3803LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3803LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3803LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3803LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3803LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8559A
09/14/04
PI49FCT3802/PI49FCT3803
1:5/1:7 Clock Buffers
for Networking Applications
Switching Waveforms
Propagation Delay
Package Skew – tSK(T)
Pulse Skew – tSK(P)
Output Skew – tSK(O)
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
2.0V
0.8V
tR
tF
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) =
| tPHL – tPLH |
Input
tPLHx
3V
1.5V
0V
CLKx
VOH
1.5V
VOL
tPHLx
tSK(o)
CLKy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) =  tPLHy – tPLHx  or  tPHLy – tPHLx
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) =
 tPLH2 – tPLH1  or  tPHL2 – tPHL1
Test Circuits for All Outputs
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance, should be equal to Zout of the
Pulse Generator.
Pulse
Generator
D.U.T.
VIN
VOUT
CL
VDD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com